Electronic Components Datasheet Search |
|
BD9412F-E2 Datasheet(PDF) 5 Page - Rohm |
|
BD9412F-E2 Datasheet(HTML) 5 Page - Rohm |
5 / 28 page 5/24 TSZ02201-0F5F0C100070-1-2 © 2015 ROHM Co., Ltd. All rights reserved. 12.Aug.2015 Rev.002 www.rohm.com TSZ22111 • 15 • 001 BD9412F Electrical Characteristics – continued (Unless otherwise specified Ta=25°C, VCC= 12V) Parameter Symbol Limit Unit Conditions Min Typ Min 【Output Block】 N1 Output Sink Resistance RN1SI 1.5 3.0 6.0 Ω N1Output Source Resistance RN1SO 4.5 9.0 18.0 Ω N2 Output Sink Resistance RN2SI 1.5 3.0 6.0 Ω N2 Output Source Resistance RN2SO 4.5 9.0 18.0 Ω MAX DUTY MAX DUTY 43.0 45.0 47.0 % fOUT=60kHz N1-N2,N2-N1Dead Time tOFF 100 200 400 ns Output Frequency fOUT 57.9 60.0 62.1 kHz RRT=100kΩ 【Timer Block】 Setting Voltage for CP Time VCP 1.90 2.00 2.10 V Setting Current for CP Time ICP 0.85 1.00 1.15 µA 【ADIM Block】 ADIM Pin Inflow Current 1 IADIM1 -5 0 +5 µA VADIM=2.2V, VPWM2DC=12V ADIM Pin Inflow Current 2 IADIM2 19 28 37 µA VADIM=5V, VPWM2DC=12V PWM2DC Pin Inflow Current IPWM2DC 4 6 8 µA VPWM2DC=3V PWM2DC Pin High Voltage VPWM2DCH 1.8 - 5.0 V PWM2DC Pin Low Voltage VPWM2DCL -0.3 - +0.8 V PWM2DC Pin Selected Voltage to High Impedance VPWM2DCZ 7.5 8.0 8.5 V PWM2DC=sweep up 【COMPSD Block】 COMPSD Detection Voltage VCOMPSD 3.88 4.00 4.12 V 【FAIL Block】 FAIL Pin ON-Resistance RFAIL - 100 200 Ω |
Similar Part No. - BD9412F-E2 |
|
Similar Description - BD9412F-E2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |