Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9412F Datasheet(PDF) 6 Page - Rohm

Part # BD9412F
Description  PFC Direct current resonance type White LED Driver for Large LCD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9412F Datasheet(HTML) 6 Page - Rohm

Back Button BD9412F Datasheet HTML 2Page - Rohm BD9412F Datasheet HTML 3Page - Rohm BD9412F Datasheet HTML 4Page - Rohm BD9412F Datasheet HTML 5Page - Rohm BD9412F Datasheet HTML 6Page - Rohm BD9412F Datasheet HTML 7Page - Rohm BD9412F Datasheet HTML 8Page - Rohm BD9412F Datasheet HTML 9Page - Rohm BD9412F Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6/24
TSZ02201-0F5F0C100070-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
12.Aug.2015 Rev.002
www.rohm.com
TSZ22111 • 15 • 001
BD9412F
Pin Description
Pin No.
Pin Name
IN/OUT
Function
Rating [V]
1
VCC
IN
Power Supply Pin for IC (Built-In UVLO Function)
-0.3 to +20
2
STB
IN
Power ON/OFF Control Pin for IC
Power OFF when STB=L and Power ON when STB=H.
-0.3 to +20
3
GND
IN
Ground Pin for Internal Signal in IC
-
4
RT
OUT
Drive Frequency Setting Pin
Basic Frequency is set by the resistor between RT and
GND and Drive Frequency Modulation Range is set by
the resistor between RT and FB.
-0.3 to +5.5
5
FB
OUT
Error Amplifier Output pin for LED Current feedback and
LED Voltage feedback
-0.3 to +5.5
6
IS
IN
Error Amplifier Input pin for LED Current feedback
-0.3 to +5.5
7
VS
IN
Error Amplifier Input pin for LED Open Voltage feedback
-0.3 to +5.5
8
PWMCMP
IN
PWM Comparator Input Pin which controls PWM
operation during brightness adjustment.
N1 and N2 output stop when PWMCMP=L, and they
output Max Duty when PWMCMP=H
-0.3 to +5.5
9
CP
OUT
Timer Latch Setting Pin
In abnormal case, 1µA (Typ) will be charged to the
capacitor connected to CP, and IC becomes latch status
after output operation stops at CP>2V(Typ)
-0.3 to +5.5
10
PWMIN
IN
PWM Signal Input Pin for burst brightness adjustment
-0.3 to +5.5
11
ADIM
IN
DC Signal Input Pin for analog dimming
-0.3 to +5.5
12
SS
OUT
Soft Start timer and COMPSD timer Setting Pin
During start-up, 2µA (Typ) will be charged to connected
capacitor. At SS>2.0V(typ), COMPSD can start to
detect. At SS>2.5V (typ), CP can accept charge
operation.
-0.3 to +5.5
13
FAIL
OUT
Error Indication Signal Output Pin
Normal : L, Error : Open
-0.3 to +5.5
14
COMPSD
IN
Abnormal Over Voltage Detection Pin
When detecting abnormality, output operation stops and
IC becomes latch status after 2 clocks.
-0.3 to +5.5
15
PWM2DC
IN
Pulse to DC converting pin
Pulse Signal is translated to flat dc level by 100kΩ
resistor in IC and the capacitor connected to ADIM.
-0.3 to +20
16
PGND
IN
Power Ground for external MOSFET drive
-
17
N2
OUT
Output pin for external FET drive circuit (Channel N2)
-0.3 to +20
18
N1
OUT
Output pin for external FET drive circuit (Channel N1)
-0.3 to +20


Similar Part No. - BD9412F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD94121F ROHM-BD94121F Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD94121F-E2 ROHM-BD94121F-E2 Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD94122F ROHM-BD94122F Datasheet
2Mb / 28P
   PFC Direct Current Resonance Type White LED Driver for Large LCD
More results

Similar Description - BD9412F

ManufacturerPart #DatasheetDescription
logo
Rohm
BD92111F ROHM-BD92111F Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD94121F ROHM-BD94121F Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD94122F ROHM-BD94122F Datasheet
2Mb / 28P
   PFC Direct Current Resonance Type White LED Driver for Large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD panel
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com