Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9423EFV Datasheet(PDF) 5 Page - Rohm

Part # BD9423EFV
Description  6ch boost LED driver which constant setting can be shared by I2C control
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9423EFV Datasheet(HTML) 5 Page - Rohm

  BD9423EFV Datasheet HTML 1Page - Rohm BD9423EFV Datasheet HTML 2Page - Rohm BD9423EFV Datasheet HTML 3Page - Rohm BD9423EFV Datasheet HTML 4Page - Rohm BD9423EFV Datasheet HTML 5Page - Rohm BD9423EFV Datasheet HTML 6Page - Rohm BD9423EFV Datasheet HTML 7Page - Rohm BD9423EFV Datasheet HTML 8Page - Rohm BD9423EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 61 page
background image
Datasheet
Datasheet
5/57
TSZ02201-0F2F0C100080-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
9.Oct.2015 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9423EFV
1.8 Electrical Characteristics 1/3 (unless otherwise specified, VIN=24V Tj=25°C)
Parameter
Symbol
Min
Typ
Max
Unit
Condition
Whole device】
Operating circuit current
ICC
-
9
16
mA STB=3.0V, LED1-6=ON, RT=100kΩ
Standby circuit current
ISTB
-
15
25
μASTB=0V
DVDD circuit current
IDVDD
-
1.8
-
mA DVDD=3.3V
UVLO block】
VCC operating supply voltage
VUVLO_VCC
7.0
7.5
8.0
V
VCC=SWEEP UP
VCC hysteresis voltage
VUHYS_VCC
150
300
600
mV VCC=SWEEP DOWN
UVLO release voltage
VUVLO_UVLO
2.40
2.50
2.60
V
VUVLO=SWEEP UP
UVLO HYS width
VUHYS_UVLO
100
200
400
mV VUVLO=SWEP DOWN
UVLO pin input current
IUVLO
-2
0
2
AVUVLO=3.0V
DVDD release voltage
VUVLO_DVDD
2.10
2.35
2.60
V
VDVDD=SWEEP UP
DVDD HYS width
VUHYS_DVDD
100
200
400
mV VDVDD=SWEP DOWN
REG9V block】
REG9V output voltage
REG9V
8.91
9.0
9.09
V
IO=0mA, VCC>11.0V
REG9V max. output current
IREG9V
20
-
-
mA
DCDC block】
Error AMP reference voltage
VEAMP
0.97
1.00
1.03
V
LED_LV=1.0V, LEDLV[3:0]=0000
0.578
0.60
0.622
V
LEDLV[3:0]=1001
0.278
0.300
0.322
V
LEDLV[3:0]=1111
FB sink current
IFBSINK
85
100
115
μA LED_LV=1.0V, LEDx=2.0V, VFB=1.0V
FB source current (Master)
IFBSOURCEM
-115
-100
-85
μA
LED_LV=1.0V, LEDx=0.0V,
VFB=1.0V,CS=0.0V
FB source current (Slave)
IFBSWRCKS
-230
-200
-170
μA LEDx=0V,VFB=1.0V,CS=5.0V
LED_LV pin input current
ILED_LV
-2
0
2
μA VLED_LV=3.0V
Oscillation frequency
FCT
190
200
210
kHz RT=100kΩ, FOSC[4:0]=00000
MAX DUTY
DMAX
83
89
96
%
SS pin source current
ISS
-3.75
-3.0
-2.25
μA SS=0V
SS pin release voltage
VSS
3.8
4.0
4.2
V
SS=SWEEP UP
N pin source resistor
RONH
-
2.5
3.5
ION=-10mA
N pin sink resistor
RONL
-
3.0
4.2
ION=10mA


Similar Part No. - BD9423EFV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD942 ISC-BD942 Datasheet
116Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD942 NJSEMI-BD942 Datasheet
132Kb / 2P
   Silicon PNP Power Transistor
logo
Rohm
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F-XX ROHM-BD9420F-XX Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
More results

Similar Description - BD9423EFV

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
Shenzhen Huazhimei Semi...
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
   Boost high-power LED constant current driver
logo
Analog Devices
LT3966 AD-LT3966 Datasheet
2Mb / 36P
   I2C Programmable Quad Monolithic Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM5303 HMSEMI-HM5303 Datasheet
449Kb / 9P
   Boost type high power LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX5305 QXMD-QX5305 Datasheet
1Mb / 2P
   Boost type high power LED constant current driver
logo
Mean Well Enterprises C...
LDB-L MEANWELL-LDB-L Datasheet
86Kb / 3P
   DC-DC Constant Current Buck-Boost LED driver
logo
Shenzhen Huazhimei Semi...
HM5306 HMSEMI-HM5306 Datasheet
711Kb / 9P
   Boost type high power LED constant current driver
logo
Rohm
UDZS10B ROHM-UDZS10B_12 Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
BD81A76EFV-M ROHM-BD81A76EFV-M Datasheet
2Mb / 43P
   6ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
25.Nov.2021 Rev.004
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com