Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9423EFV Datasheet(PDF) 1 Page - Rohm

Part # BD9423EFV
Description  6ch boost LED driver which constant setting can be shared by I2C control
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9423EFV Datasheet(HTML) 1 Page - Rohm

  BD9423EFV Datasheet HTML 1Page - Rohm BD9423EFV Datasheet HTML 2Page - Rohm BD9423EFV Datasheet HTML 3Page - Rohm BD9423EFV Datasheet HTML 4Page - Rohm BD9423EFV Datasheet HTML 5Page - Rohm BD9423EFV Datasheet HTML 6Page - Rohm BD9423EFV Datasheet HTML 7Page - Rohm BD9423EFV Datasheet HTML 8Page - Rohm BD9423EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 61 page
background image
〇Product structure : Silicon monolithic integrated circuit 〇This product has no designed protection against radioactive rays
.
1/57
TSZ02201-0F2F0C100080-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
9.Oct.2015 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
LED Drivers for LCD Backlights
6ch boost LED driver which constant setting
can be shared by I2C control
BD9423EFV
1.1 General Description
BD9423EFV is a high efficiency driver for white LEDs
and designed for large LCD panel. This IC is built-in high
current drive and high responsibility type 6ch LED
drivers and 1ch boost DCDC converter. BD9423EFV has
some protect function against fault conditions, such as
the over-voltage protection (OVP), LED OPEN and
SHORT protection, the over current limit protection of
DCDC (OCP). Therefore BD9423EFV is available for the
fail-safe design over a wide range output voltage.
Moreover the functions and the detection voltage can be
controlled by the I2C. This enables for the constant
setting of external parts to be shared by I2C control,
nevertheless the different usage condition.
Features
Operating power supply voltage range:9.0V to 35.0V
Oscillator frequency:
200kHz (RT=100kΩ)
Operating Current:
9mA (typ.)
Operating temperature range:
-40°C to +85°C
Applications
TV, Computer Display, Notebook, LCD Backlighting
Key Specifications
LED drivers Max curret
400mA per channel
Constant current accuracy
±1.8% (IC only)
Current analog (linear) dimming by ADIM pin
Several protection functions
DCDC part
: OCP/OVP/UVLO
LED driver part :OPEN,SHORT detection
SHORT detection voltage is set by LSP pin
Error detection output by FAIL pin
Master/Slave mode inside
1.2 Package
W(Typ) x D(Typ) x H(Max)
HTSSOP-B40:
13.60mm x 7.80mm x 1.00mm
Pin Pitch:
0.65mm
Figure 1. HTSSOP-B40
Typical Application Circuit
Figure 2. Typical application circuit
Datasheet


Similar Part No. - BD9423EFV

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
BD942 ISC-BD942 Datasheet
116Kb / 2P
   isc Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
BD942 NJSEMI-BD942 Datasheet
132Kb / 2P
   Silicon PNP Power Transistor
logo
Rohm
BD9420F ROHM-BD9420F Datasheet
1Mb / 31P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F ROHM-BD9420F Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
BD9420F-XX ROHM-BD9420F-XX Datasheet
1Mb / 32P
   White LED Driver for large LCD Panels (DCDC Converter Type)
More results

Similar Description - BD9423EFV

ManufacturerPart #DatasheetDescription
logo
Kinetic Technologies.
KTD2026 KINETIC-KTD2026 Datasheet
749Kb / 21P
   Constant Current RGB/White LED Driver with I2C Control
April 2020 - Revision 04h
logo
Shenzhen Huazhimei Semi...
HM5305 HMSEMI-HM5305 Datasheet
423Kb / 9P
   Boost high-power LED constant current driver
logo
Analog Devices
LT3966 AD-LT3966 Datasheet
2Mb / 36P
   I2C Programmable Quad Monolithic Boost LED Driver
logo
Shenzhen Huazhimei Semi...
HM5303 HMSEMI-HM5303 Datasheet
449Kb / 9P
   Boost type high power LED constant current driver
logo
QX Micro Devices Co.,Lt...
QX5305 QXMD-QX5305 Datasheet
1Mb / 2P
   Boost type high power LED constant current driver
logo
Mean Well Enterprises C...
LDB-L MEANWELL-LDB-L Datasheet
86Kb / 3P
   DC-DC Constant Current Buck-Boost LED driver
logo
Shenzhen Huazhimei Semi...
HM5306 HMSEMI-HM5306 Datasheet
711Kb / 9P
   Boost type high power LED constant current driver
logo
Rohm
UDZS10B ROHM-UDZS10B_12 Datasheet
158Kb / 5P
   Constant voltage control Can be mounted automatically, using chip mounter.
BD81A76EFV-M ROHM-BD81A76EFV-M Datasheet
2Mb / 43P
   6ch White LED Driver Built-in Current Driver Buck-Boost and Boost DC/DC Converter for Automotive
25.Nov.2021 Rev.004
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
   Constant Current LED Driver with PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com