Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD26503GUL-E2 Datasheet(PDF) 1 Page - Rohm

Part # BD26503GUL-E2
Description  7x17(Max ) Dot Matrix LED Display Driver
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD26503GUL-E2 Datasheet(HTML) 1 Page - Rohm

  BD26503GUL-E2 Datasheet HTML 1Page - Rohm BD26503GUL-E2 Datasheet HTML 2Page - Rohm BD26503GUL-E2 Datasheet HTML 3Page - Rohm BD26503GUL-E2 Datasheet HTML 4Page - Rohm BD26503GUL-E2 Datasheet HTML 5Page - Rohm BD26503GUL-E2 Datasheet HTML 6Page - Rohm BD26503GUL-E2 Datasheet HTML 7Page - Rohm BD26503GUL-E2 Datasheet HTML 8Page - Rohm BD26503GUL-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
1/40
www.rohm.com
2013.02 - Rev.A
© 2013 ROHM Co., Ltd. All rights reserved.
System LED Drivers for Mobile Phones
7x17(Max.) Dot Matrix
LED Display Driver
BD26503GUL
●Description
BD26503GUL is “Matrix LED Driver” that is the most suitable for the cellular phone.
It can control 7x17(119 dot) LED Matrix by internal 7-channel PMOS SWs and 17-channel LED drivers.
It can control the luminance and firefly lighting of the LED matrix by the setting of the internal register.
It supports SPI and I2C interface.
VCSP50L3 (3.6mm
0.55mm height max), small and thin type chip size package.
It adopts the very thin CSP package that is the most suitable for the slim phone.
●Features
1) LED Matrix driver (7x17)
・It has 7-channel PMOS SWs and 17-channel current drivers with 1/7 timing driven sequentially.
・Put ON/OFF(for every dot).
・The current drivers can drive 0-20.00mA current with 16 step(for every dot).
・64 steps of the luminance control by PWM (common setting for all dots)
・Continuous (TDMA off ) lighting function for LED14-LED17
・Easy register setting by A/B 2-side map for each dot.
2) Automatic Slope function
・Cycle time, Slope time can be set for each dot.
3) 8-direction automatic scroll function.
4) Interface
・SPI and I
2C BUS FS mode(max 400kHz)Compatibility
・For I
2C mode, I2C Device address is selectable (74h or 75h)
5) Thermal shutdown
6) Small and thin CSP package
・48pin VCSP50L3 (3.6mm□ 0.55mm height max) 0.5mm ball pitch
*This chip is not designed to protect itself against radioactive rays.
*This material may be changed on its way to designing.
*This material is not the official specification.
●Absolute Maximum Ratings (Ta=25
oC)
Parameter
Symbol
Ratings
Unit
Maximum voltage (note2)
VMAX
7
V
Maximum voltage (note1)
VIOMAX
4.5
V
Power Dissipation (note3)
Pd
1550
mW
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55 ~ +150
note1)
VIO,RESETB,CE,SDA,SCL,IFMODE,SYNC,CLKIN,CLKOUT,TEST1,TEST2,TEST3,TESTO, DO terminal
note2)
Except the above
note3)
Power dissipation deleting is 12.4mW/
oC , when it’s used in over 25 oC. (ROHM’s standard board has been mounted.)
The power dissipation of the IC has to be less than the one of the package.
●Operating Conditions (VBAT
≥VIO, VINSW≥VBAT, Ta=-40~85
oC)
Parameter
Symbol
Limits
Unit
VBAT input voltage
VBAT
2.7 ~ 5.5
V
VINSW input voltage
VINSW
2.7 ~ 5.5
V
VIO pin voltage
VIO
1.65 ~ 5.5
V


Similar Part No. - BD26503GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
BD26502GUL-E2 ROHM-BD26502GUL-E2 Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
More results

Similar Description - BD26503GUL-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD26502GUL ROHM-BD26502GUL Datasheet
744Kb / 40P
   7x17(Max.) Dot Matrix LED Display Driver
logo
Yellow Stone Corp
BM-10288 YSTONE-BM-10288 Datasheet
188Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-20288MD ETC-BM-20288MD Datasheet
198Kb / 1P
   LED DOT MATRIX DISPLAY
BM-20EG57MD ETC-BM-20EG57MD Datasheet
169Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-20EG88ND BRIGHT-BM-20EG88ND Datasheet
182Kb / 3P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
BM-40258 ETC-BM-40258 Datasheet
182Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-22EG58ND BRIGHT-BM-22EG58ND Datasheet
92Kb / 1P
   LED DOT MATRIX DISPLAY
logo
List of Unclassifed Man...
TOM-2057BS-B ETC1-TOM-2057BS-B Datasheet
356Kb / 2P
   Dot Matrix Display LED
2019/2/15
logo
Yellow Stone Corp
BM-07257MD YSTONE-BM-07257MD Datasheet
124Kb / 1P
   LED DOT MATRIX DISPLAY
logo
BRIGHT LED ELECTRONICS ...
BM-10EG58ND BRIGHT-BM-10EG58ND Datasheet
165Kb / 3P
   LED DOT MATRIX DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com