Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD83732HFP-M Datasheet(PDF) 4 Page - Rohm

Part # BD83732HFP-M
Description  1ch Source Driver for Automotive
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD83732HFP-M Datasheet(HTML) 4 Page - Rohm

  BD83732HFP-M Datasheet HTML 1Page - Rohm BD83732HFP-M Datasheet HTML 2Page - Rohm BD83732HFP-M Datasheet HTML 3Page - Rohm BD83732HFP-M Datasheet HTML 4Page - Rohm BD83732HFP-M Datasheet HTML 5Page - Rohm BD83732HFP-M Datasheet HTML 6Page - Rohm BD83732HFP-M Datasheet HTML 7Page - Rohm BD83732HFP-M Datasheet HTML 8Page - Rohm BD83732HFP-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4/29
BD83732HFP-M / BD83733HFP-M
TSZ02201-0G1G0C700310-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2016.Aug.25 Rev.003
www.rohm.com
TSZ22111・15・001
Electrical Characteristics (Unless otherwise specified Ta=-40~125°C, VIN= 13V, RVIN_F=0.47Ω, RPBUS=10kΩ)
Parameter
Symbol
Min
Typ
Max
UNIT
Condition
Circuit Current
IVIN
-
2.1
6.0
mA
IOUT Terminal
Output Current Accuracy
IOUT
373
383
393
mA
Ta=25°C
364
383
402
mA
Ta=-40°C~125°C
VIN
– IOUT Drop Voltage
VDR_IOUT
-
0.45
1.0
V
IOUT=383mA
IOUT Terminal OFF Current
IIOUT_OFF
-
-
1
μA
VIOUT=2V, VCRT=0.7V
Ta=25°C
IOUT Current at GND Short
IIOUT_SHORT
-
7
40
μA
VIOUT=0V
Current Sense Voltage
VIN_F_REF
0.171
0.180
0.189
V
VIN_F_REF=VIN-VIN_F
IOUT Voltage
at LED Open Detection
VIOUT_OPEN
VIN
-0.080
VIN
-0.050
VIN
-0.020
V
IOUT Voltage
at LED Short Detection
VIOUT_
SHORT
0.20
0.67
1.00
V
CRT Terminal Charge Current
ICRT_SO
29.75
35.00
40.25
μA
VCRT=0.9V
CRT Terminal Voltage
VCRT_CHA
0.990
1.10
1.21
V
CRT Terminal
Discharge Voltage 1
VCRT_DIS1
2.7
3.0
3.3
V
CRTIMER Discharge Constant
VCRT_CHA /
VCRT_DIS1
0.348
0.367
0.386
V/V
CRT Terminal
Discharge Voltage 2
VCRT_DIS2
3.6
4.0
4.4
V
RD1<->RD2
( Note1)
CRT Terminal
Charge Resistance
RCHA
51.6
54.3
57.0
RCHA=(VCRT_DIS1
VCRT_CHA ) / ICRT_SO
DISC Terminal
Discharge Resistance 1
RD1
-
50.0
100
Ω
VCRT=3.4V
DISC Terminal
Discharge Resistance 2
RD2
2.5
5.0
10
VCRT=5V
PBUS Terminal De-rating Input
Voltage High
VDH_PBUS
2.3
2.5
2.7
V
⊿VIN_F_REF = 2.0mV
⊿VIN_F_REF =
VIN_F_REF(@PBUS = 13V) –
VIN_F_REF(@PBUS = VDH_PBUS)
PBUS Terminal De-rating Input
Voltage Low
VDL_PBUS
0.8
1.0
1.2
V
IOUT<5µA
De-rating Gain
GD
114
120
126
mV/V
⊿IOUT=GD×VPBUS
VPBUS=1.5V -> 2.0V
PBUS Terminal
Low Voltage
VOL_PBUS
-
-
0.7
V
IPBUS=2mA
PBUS Terminal
Input Current
IIN_PBUS
-
38.0
100
μA
VPBUS=13V
Disable Open Detection
during low power supply voltage
BD83732HFP-M
VM_OPEN
7.30
7.65
8.00
V
VIN voltage
BD83733HFP-M
VM_OPEN
10.5
11.0
11.5
V
VIN voltage


Similar Part No. - BD83732HFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results

Similar Description - BD83732HFP-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83740HFP-M ROHM-BD83740HFP-M Datasheet
1Mb / 32P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8372HFP-M ROHM-BD8372HFP-M_15 Datasheet
2Mb / 29P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD9555FVM-C ROHM-BD9555FVM-C Datasheet
928Kb / 15P
   50V 1ch Timer IC for Automotive
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com