Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD83733HFP-MTR Datasheet(PDF) 9 Page - Rohm

Part # BD83733HFP-MTR
Description  1ch Source Driver for Automotive
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD83733HFP-MTR Datasheet(HTML) 9 Page - Rohm

Back Button BD83733HFP-MTR Datasheet HTML 5Page - Rohm BD83733HFP-MTR Datasheet HTML 6Page - Rohm BD83733HFP-MTR Datasheet HTML 7Page - Rohm BD83733HFP-MTR Datasheet HTML 8Page - Rohm BD83733HFP-MTR Datasheet HTML 9Page - Rohm BD83733HFP-MTR Datasheet HTML 10Page - Rohm BD83733HFP-MTR Datasheet HTML 11Page - Rohm BD83733HFP-MTR Datasheet HTML 12Page - Rohm BD83733HFP-MTR Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
9/29
BD83732HFP-M / BD83733HFP-M
TSZ02201-0G1G0C700310-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
2016.Aug.25 Rev.003
www.rohm.com
TSZ22111・15・001
[s]
V
V
ln
)
R
R
(
C
T2
CRT_DIS1
CRT_CHA
D1
CRT
CRT


[Hz]
2
T
1
T
1
f PWM
2
T
1
T
2
T
DON
(2)
CRT Ramp down Time T2
CRT ramp down time is defined by the discharge period due to the external capacitor CCRT and resistance (RCRT +
RD1). The CRT Terminal Charge Current is OFF at CRT ramp down.
Make sure that T2 is set > pulse width 2
0μs (Min).
where:
RD1 is the CRT Terminal Discharge Resistance 1
50Ω (Typ)
VCRT_CHA is the CRT Terminal Discharge ON Voltage
1.1V (Typ)
VCRT_DIS1 is the CRT Terminal Discharge ON Voltage
3.0V (Typ)
(3)
Dimming Frequency fPWM
PWM frequency is defined by T1 and T2.
(4)
ON Duty (DON)
Like the above, PWM ON duty is defined by T1 and T2.
(Example) In case of fPWM = 518Hz and 6.7% Duty (Typ),
From fPWM=518Hz; T1 + T2 = 1 / fPWM = 1 / 518Hz = 1931
μs
From ON Duty = 6.7%; CRT ramp up time T1 is T1 = (T1 + T2) × 0.933 = 1801.6μs
External capacity CCRT is;
CCRT = T1 × (ICRT
/ ΔVCRT) = 1801.6μs × 35μA / 1.9V ≒ 0.033μF
CRT ramp down time T2 is; T2 = (T1 + T2) × 0.067 = 129μs
External resistance RCRT is;
RCRT = -T2 / (CCRT × ln(VCRT_CHA / VCRT_DIS)) - RD1 = -129usec / (0.033μF × ln(1.1 / 3.0)) – 50Ω ≒ 3.9kΩ
PWM Dimming Operation using external signal
An external microcomputer can directly drive the PWM signal for Dimming CRT terminal. In that case,
’High’ level voltage
of PWM signal should be > VCRT_DIS2(4.4V(Max)) and
’Low’ level voltage of PWM signal < VCRT_CHA(0.99V(Min)).
Figure 15. External Input of PWM Signal
VREF
IOUT
VIN
VIN-0.180V
(Typ)
GND
VIN_F
OSC
CRT
+B
PWM Signal Input


Similar Part No. - BD83733HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83733HFP-M ROHM-BD83733HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
More results

Similar Description - BD83733HFP-MTR

ManufacturerPart #DatasheetDescription
logo
Rohm
BD83740HFP-M ROHM-BD83740HFP-M Datasheet
1Mb / 32P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M_16 Datasheet
2Mb / 33P
   1ch Source Driver for Automotive
BD8372HFP-M ROHM-BD8372HFP-M_15 Datasheet
2Mb / 29P
   1ch Source Driver for Automotive
BD8374HFP-M ROHM-BD8374HFP-M Datasheet
1Mb / 29P
   50V 500mA 1ch Source Driver for Automotive
BD6941FM ROHM-BD6941FM_15 Datasheet
1Mb / 17P
   Automotive 1ch H Bridge Driver
BD9555FVM-C ROHM-BD9555FVM-C Datasheet
928Kb / 15P
   50V 1ch Timer IC for Automotive
BD6886GUL ROHM-BD6886GUL Datasheet
285Kb / 6P
   1ch Motor Driver
BD6875GSW ROHM-BD6875GSW Datasheet
269Kb / 6P
   1ch Motor Driver
BD18326NUF-M ROHM-BD18326NUF-M Datasheet
1Mb / 39P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
BD18336NUF-M ROHM-BD18336NUF-M Datasheet
2Mb / 38P
   40 V 600 mA 1ch Constant Current Driver for Automotive LED Lamps
04.Jun.2020 Rev.002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com