Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD94121F-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD94121F-E2
Description  PFC Direct current resonance type White LED Driver for Large LCD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD94121F-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD94121F-E2 Datasheet HTML 6Page - Rohm BD94121F-E2 Datasheet HTML 7Page - Rohm BD94121F-E2 Datasheet HTML 8Page - Rohm BD94121F-E2 Datasheet HTML 9Page - Rohm BD94121F-E2 Datasheet HTML 10Page - Rohm BD94121F-E2 Datasheet HTML 11Page - Rohm BD94121F-E2 Datasheet HTML 12Page - Rohm BD94121F-E2 Datasheet HTML 13Page - Rohm BD94121F-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10/24
TSZ02201-0F5F0C100100-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
22.Feb.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9412F
Pin Function Description
PIN.1 VCC
This is power supply pin for the IC. Normal operation range (Typ) is from 9V to 18V. Please place ceramic
capacitor bigger than 0.1µF as bypass capacitor between VCC and GND. It is for noise elimination.
PIN.2 STB
This PIN is for setting of ON/OFF. It is possible to use as reset when shutting down.
Please set the STB terminal voltage below VCC voltage. In addition, please set below 4V if the voltage is applied
earlier than VCC.
Depending on input voltage to STB pin, the status of IC might be switched (ON/OFF). Please avoid using between
the two status (0.8V to 2.0V)
PIN.3 GND
This is signal system GND for IC inside. Please make it independent from PGND as much as possible (We
recommend this because it has less influence with switching noise which comes from short circuit of PGND and
GND at connector close to GND pin.
N1
N2
Vin
GND
GND_PIN
PGND
PIN.4 RT
Set up the charge/discharge current by frequency of IC inside.
By changing the resistance value of resistor between RT pin and GND, it is possible to set up basic drive
frequency as following formula;
Basic frequency means output N1, N2 frequency which is determined only with resistor between RT pin and GND.
)
200
(
]
[
336
.
3
]
[
6673
)
200
(
]
[
]
[
6000
kHz
f
kHz
k
R
f
kHz
f
kHz
k
R
f
OUT
RT
OUT
OUT
RT
OUT
There is a discrepancy between theoretical formula and actual device. For frequency setting, please thoroughly
verify it with actual application. In addition, frequency may change upon resistor RADJ which is placed between
RT and FB pins
Figure. 11
Figure. 12 RT Resistance vs Output Frequency
1
10
100
1,000
10
100
1,000
RT Resistance : RRT [kΩ]
OSC
RRT
RT
BD94121F
FB
CFBIS
IS
VS
Error Amp
CFBVS
RFBIS
RFBVS
Figure. 13 RRT Resistor connection method


Similar Part No. - BD94121F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD94122F ROHM-BD94122F Datasheet
2Mb / 28P
   PFC Direct Current Resonance Type White LED Driver for Large LCD
BD9412F ROHM-BD9412F Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD9412F-E2 ROHM-BD9412F-E2 Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD9412F ROHM-BD9412F_15 Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
More results

Similar Description - BD94121F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD92111F ROHM-BD92111F Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD9412F ROHM-BD9412F_15 Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD94122F ROHM-BD94122F Datasheet
2Mb / 28P
   PFC Direct Current Resonance Type White LED Driver for Large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD panel
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com