Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD94121F-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD94121F-E2
Description  PFC Direct current resonance type White LED Driver for Large LCD
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD94121F-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD94121F-E2 Datasheet HTML 3Page - Rohm BD94121F-E2 Datasheet HTML 4Page - Rohm BD94121F-E2 Datasheet HTML 5Page - Rohm BD94121F-E2 Datasheet HTML 6Page - Rohm BD94121F-E2 Datasheet HTML 7Page - Rohm BD94121F-E2 Datasheet HTML 8Page - Rohm BD94121F-E2 Datasheet HTML 9Page - Rohm BD94121F-E2 Datasheet HTML 10Page - Rohm BD94121F-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7/24
TSZ02201-0F5F0C100100-1-2
© 2016 ROHM Co., Ltd. All rights reserved.
22.Feb.2016 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9412F
I/O Equivalent Circuits
STB
RT
FB
STB
160KΩ
VCC
GND
50KΩ
GND
300KΩ
GND
GND
130KΩ
RT
VCC
GND
REF
REF
GND
FB
20Ω
REF
GND
GND
GND
GND
10KΩ
IS
VS
PWMCMP
IS
10KΩ
VCC
GND
GND
REF
REF
GND
1KΩ
REF
GND
VS
100KΩ
GND
GND
REF
PWMCMP
20Ω
GND
GND
GND
10KΩ
REF
REF
GND
GND
GND
REF
100kΩ
GND
REF
CP
PWMIN
ADIM
CP
350Ω
REF
VCC
GND
GND
GND
REF
PWMIN
100KΩ
GND
GND
GND
VCC
ADIM
100KΩ
GND
GND
GND
REF
100KΩ
GND
GND
2.2V
SS
FAIL
COMPSD
SS
350Ω
REF
VCC
GND
GND
GND
REF
FAIL
50Ω
GND
GND
COMPSD
100KΩ
GND
GND
GND
REF
PWM2DC
N2
N1
PWM2DC
100KΩ
GND
GND
GND
REF
GND
REF
100KΩ
400KΩ
N2
90KΩ
PGND
VCC
VCC
PGND
PGND
N1
90KΩ
PGND
VCC
VCC
PGND
PGND
Figure. 5 I/O equivalent circuit


Similar Part No. - BD94121F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD94122F ROHM-BD94122F Datasheet
2Mb / 28P
   PFC Direct Current Resonance Type White LED Driver for Large LCD
BD9412F ROHM-BD9412F Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD9412F-E2 ROHM-BD9412F-E2 Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD9412F ROHM-BD9412F_15 Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
More results

Similar Description - BD94121F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD92111F ROHM-BD92111F Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD9412F ROHM-BD9412F_15 Datasheet
2Mb / 28P
   PFC Direct current resonance type White LED Driver for Large LCD
BD94122F ROHM-BD94122F Datasheet
2Mb / 28P
   PFC Direct Current Resonance Type White LED Driver for Large LCD
BD94062F ROHM-BD94062F Datasheet
2Mb / 35P
   1ch Buck Type White LED Driver for Large LCD
15.May.2018 Rev.002
BD9397EFV ROHM-BD9397EFV_15 Datasheet
1Mb / 31P
   White LED Driver for large LCD panel
BD9397EFV ROHM-BD9397EFV Datasheet
862Kb / 30P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV Datasheet
1Mb / 28P
   White LED Driver for large LCD panel
BD9422EFV ROHM-BD9422EFV_15 Datasheet
1Mb / 30P
   White LED Driver for large LCD panel
BD9413F ROHM-BD9413F Datasheet
1Mb / 37P
   1ch Boost up type White LED Driver for large LCD
BD9428 ROHM-BD9428 Datasheet
759Kb / 29P
   White LED Driver for large LCD Panels (DCDC Converter type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com