Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX2309EGI Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX2309EGI
Description  Supports Dual-Band, Triple-Mode Operation
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX2309EGI Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX2309EGI Datasheet HTML 1Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 2Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 3Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 4Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 5Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 6Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 7Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 8Page - Maxim Integrated Products MAX2309EGI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
General Description
The MAX2306/MAX2308/MAX2309 are IF receivers
designed for dual-band, dual-mode, and single-mode
N-CDMA and W-CDMA cellular phone systems. The
signal path consists of a variable-gain amplifier (VGA)
and I/Q demodulator. The devices feature guaranteed
+2.7V operation, a gain control range of over 110dB,
and high input IP3 (-31dBm at 35dB gain, 3.4dBm at
-35dB gain).
Unlike similar devices, the MAX2306 family of receivers
includes dual oscillators and synthesizers to form a
self-contained IF subsystem. The synthesizer’s refer-
ence and RF dividers are fully programmable through a
3-wire serial bus, enabling dual-band system architec-
tures using any common reference and IF frequency.
The differential baseband outputs have enough band-
width to suit both N-CDMA and W-CDMA systems, and
offer saturated output levels of 2.7Vp-p at a low +2.75V
supply voltage. Including the low-noise voltage-con-
trolled oscillator (VCO) and synthesizer, the MAX2306
draws only 26mA from a +2.75V supply in CDMA (dif-
ferential IF) mode.
The MAX2306/MAX2308/MAX2309 are available in 28-
pin Thin QFN and QFN packages.
Applications
Single/Dual/Triple-Mode CDMA Handsets
Globalstar Dual-Mode Handsets
Wireless Data Links
W-CDMA Handsets
Wireless Local Loop (WLL)
Features
♦ Complete IF Subsystem Includes VCO and
Synthesizer
♦ Supports Dual-Band, Triple-Mode Operation
♦ VGA with >110dB Gain Control
♦ Quadrature Demodulator
♦ High Output Level (2.7V)
♦ Programmable Charge-Pump Current
♦ Supports Any IF Frequency Between 40MHz and
300MHz
♦ 3-Wire Programmable Interface
♦ Low Supply Voltage (+2.7V)
CDMA IF VGAs and I/Q Demodulators
with VCO and Synthesizer
________________________________________________________________ Maxim Integrated Products
1
19-2014; Rev 3; 8/04
EVALUATION
KIT AVAILABLE
Pin Configurations appear at end of data sheet.
Block Diagram appears at end of data sheet.
Ordering Information
Selector Guide
*Exposed paddle
PART
TEMP RANGE
PIN-PACKAGE
MAX2306EGI
-40
°C to +85°C
28 QFN-EP*
MAX2306ETI
-40
°C to +85°C
28 TQFN-EP*
MAX2308EGI
-40
°C to +85°C
28 QFN-EP*
MAX2308ETI
-40
°C to +85°C
28 TQFN-EP*
MAX2309EGI
-40
°C to +85°C
28 QFN-EP*
MAX2309ETI
-40
°C to +85°C
28 TQFN-EP*
PART
MODE
DESCRIPTION
INPUT RANGE
MAX2306
AMPS,
Cellular CDMA,
PCS CDMA
Dual Band, Triple Mode with Two
IF VCOs
40MHz to 300MHz
MAX2308
AMPS,
Cellular CDMA,
PCS CDMA
Dual Band, Triple Mode with Common
IF VCO
70MHz to 300MHz
MAX2309
External AMPS,
Cellular CDMA,
PCS CDMA
Dual Band, Triple Mode (Drives External
AMPS Discriminator)
70MHz to 300MHz


Similar Part No. - MAX2309EGI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2309EGI MAXIM-MAX2309EGI Datasheet
295Kb / 20P
   CDMA IF VGAs and I/Q Demodulators with VCO and Synthesizer
19-2014; Rev 2; 7/01
More results

Similar Description - MAX2309EGI

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG1411E VISHAY-DG1411E Datasheet
347Kb / 14P
   Supports single and dual supply operation
Rev. C, 23-Jan-17
logo
List of Unclassifed Man...
FC1703 ETC1-FC1703 Datasheet
508Kb / 17P
   Receiver RFIC for Dual-Band Triple Mode
logo
Future Technology Devic...
FT51A FTDI-FT51A Datasheet
1Mb / 43P
   Supports DMA operation
logo
List of Unclassifed Man...
CGGP.25.4.E.02 ETC2-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
Taoglas antenna solutio...
CGGP.25.4.E.02 TAOGLAS-CGGP.25.4.E.02 Datasheet
1Mb / 15P
   Dual-band GNSS Operation
logo
List of Unclassifed Man...
CPCI-6880 ETC2-CPCI-6880 Datasheet
550Kb / 2P
   Supports system/peripheral operation
logo
Xilinx, Inc
DS570 XILINX-DS570 Datasheet
1Mb / 38P
   Supports full-duplex operation
logo
Integrated Silicon Solu...
IS66WVC2M16ALL ISSI-IS66WVC2M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC4M16ALL ISSI-IS66WVC4M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
IS66WVC1M16ALL ISSI-IS66WVC1M16ALL Datasheet
1Mb / 67P
   Mixed Mode supports asynchronous write and synchronous read operation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com