Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFML8244TRPBF Datasheet(PDF) 1 Page - ZP Semiconductor

Part # IRFML8244TRPBF
Description  HEXFETPower MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZPSEMI [ZP Semiconductor]
Direct Link  http://zpsemi.com/
Logo ZPSEMI - ZP Semiconductor

IRFML8244TRPBF Datasheet(HTML) 1 Page - ZP Semiconductor

  IRFML8244TRPBF Datasheet HTML 1Page - ZP Semiconductor IRFML8244TRPBF Datasheet HTML 2Page - ZP Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
IRFML8244TRPbF
Application(s)
Micro3TM (SOT-23)
IRFML8244TRPbF
'
6
*



Load/ System Switch
Features and Benefits
VDS
25
V
VGS Max
± 20
V
RDS(on) max
(@VGS = 10V)
24
m
RDS(on) max
(@VGS = 4.5V)
41
m
Features
Benefits
Low RDS(on) (  24m)
Lower switching losses
Industry-standard pinout
Multi-vendor compatibility
Compatible with existing Surface Mount Techniques
results in Easier manufacturing
RoHS compliant containing no lead, no bromide and no halogen
Environmentally friendly
MSL1, Consumer qualification
Increased reliability
Absolute Maximum Ratings
Symbol
Parameter
Units
VDS
Drain-Source Voltage
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
PD @TA = 25°C
Maximum Power Dissipation
PD @TA = 70°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
TJ, TSTG
Junction and Storage Temperature Range
°C
Thermal Resistance
Symbol
Parameter
Typ.
Max.
Units
RJA
Junction-to-Ambient
e
–––
100
RJA
Junction-to-Ambient (t<10s)
f
–––
99
1.25
0.80
24
W
°C/W
A
Max.
5.8
4.6
-55 to + 150
± 20
0.01
25
HEXFET® Power MOSFET
1 of 2
sales@zpsemi.com
www.zpsemi.com


Similar Part No. - IRFML8244TRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFML8244TRPBF IRF-IRFML8244TRPBF Datasheet
202Kb / 10P
   HEXFETPower MOSFET
IRFML8244TRPbF IRF-IRFML8244TRPbF Datasheet
202Kb / 10P
   Load/ System Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com