Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS28F010A-15C4DDQ4 Datasheet(PDF) 10 Page - Texas Instruments

Part # TMS28F010A-15C4DDQ4
Description  1048576-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS28F010A-15C4DDQ4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TMS28F010A-15C4DDQ4 Datasheet HTML 6Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 7Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 8Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 9Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 10Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 11Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 12Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 13Page - Texas Instruments TMS28F010A-15C4DDQ4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
TMS28F010A
1048576-BIT FLASH
ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORY
SMJS012 – DECEMBER 1992 – REVISED NOVEMBER 1993
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Bus
Operation
Command
Comments
Initialize
Address
Standby
Wait for VPP to ramp to
VPPH (see Note A)
Initialize pulse count
Write
Set-Up-
Program
Write
Data = 40h
Write
Write Data
Valid address/data
Standby
Wait = 10
µs
Write
Program-
Verify
Data = C0h; ends
Program operation
Standby
Wait = 6
µs
Read
Read byte to verify
Programming; compare
output to expected output
Write
Read
Data = 00h; resets register
for read operations
Standby
Wait for VPP to ramp to
VPPL (see Note B)
NOTES: A. Refer to the recommended operating conditions for the value of VPPH.
B. Refer to the recommended operating conditions for the value of VPPL.
Figure 1. Programming Flowchart: Fastwrite Algorithm
Apply VPPL
Last
Address
?
Start
Address = 00h
VCC = 5 V ± 10%, VPP = 12 V ± 5%
Device Passed
Increment
Address
Read
and Verify
Byte
Pass
No
Yes
Yes
No
Fail
X = 1
Write Data
X = X + 1
Wait = 10
µs
Write Read Command
X = 25?
Setup
Wait = 6
µs
Write Program-Verify Command
Device Failed
Power
Down
Interactive
Mode
Apply VPPL
Write Set-Up-Program Command


Similar Part No. - TMS28F010A-15C4DDQ4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS28F010B TI-TMS28F010B Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10 TI-TMS28F010B-10 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FME TI-TMS28F010B-10C5FME Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-10C5FML TI-TMS28F010B-10C5FML Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
TMS28F010B-12 TI-TMS28F010B-12 Datasheet
332Kb / 23P
[Old version datasheet]   131072 BY 8-BIT FLASH MEMORY
More results

Similar Description - TMS28F010A-15C4DDQ4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
Texas Instruments
TMS29F256 TI-TMS29F256 Datasheet
997Kb / 18P
[Old version datasheet]   262,144-BIT FLASH ELECTRICALLY ERASABLE PROGRAMMABLE READ-ONLY MEMORIES
logo
Fujitsu Component Limit...
MBM27C1028-15 FUJITSU-MBM27C1028-15 Datasheet
487Kb / 12P
   CMOS 1048576 BIT UV ERASABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com