Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3109-00-HVMZ Datasheet(PDF) 5 Page - Vicor Corporation

Part # PI3109-00-HVMZ
Description  28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3109-00-HVMZ Datasheet(HTML) 5 Page - Vicor Corporation

  PI3109-00-HVMZ Datasheet HTML 1Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 2Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 3Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 4Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 5Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 6Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 7Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 8Page - Vicor Corporation PI3109-00-HVMZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
28 Volt - M Grade
Rev 1.6
vicorpower.com
Page 5 of 26
02/2015
800 927.9474
PI31xx-00-HVMZ
Functional Block Diagram
TRIM/SS
+OUT
SGND
-OUT
-IN
+IN
ENABLE
TM
LFF
-
+
RSS
CSS INT
VREF
1.22V
RFB1
CFB1
CFB2
-
+
Error Amp
Driver
-
+
DC
Slow Current Limit
Driver
Synchronous
Rectifier
-
+
DC
Output OVP
-
+
DC
Input UVP
Input OVP
-
+
DC
-
+
DC
Fast Current Limit
Over Temp
-
+
DC
ENB
Period Ramp
-
+
DC
Enable
-
+
DC
On-Duty Ramp
-
+
ZVS POWER
TRAIN
+
-
DC
Timing
Logic
FB
FB
ENB
+5V
EA Fault
-
+
DC
120us
delay
120us
delay
Fault
Latch
And
Reset
Logic
Reset
Fault
RUN
BIAS
START
BIAS
Vcc
Temp
Sensor
ZVS POWER
TRAIN
ZVS
FB
TRIM/SS
+OUT
SGND
-OUT
-IN
+IN
ENABLE
TM
LFF
-
+
RSS
CSS INT
VREF
1.22V
RFB1
CFB1
CFB2
-
+
Error Amp
Driver
-
+
DC
Slow Current Limit
Driver
Synchronous
Rectifier
-
+
DC
Output OVP
-
+
DC
Input UVP
Input OVP
-
+
DC
-
+
DC
Fast Current Limit
Over Temp
-
+
DC
ENB
Period Ramp
-
+
DC
Enable
-
+
DC
On-Duty Ramp
-
+
ZVS POWER
TRAIN
+
-
DC
Timing
Logic
FB
FB
ENB
+5V
EA Fault
-
+
DC
120us
delay
120us
delay
Fault
Latch
And
Reset
Logic
Reset
Fault
RUN
BIAS
START
BIAS
Vcc
Temp
Sensor
ZVS POWER
TRAIN
ZVS
FB


Similar Part No. - PI3109-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-00-HVMZ VICOR-PI3109-00-HVMZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3109-00-HVMZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
V300A15C500B VICOR-V300A15C500B Datasheet
151Kb / 8P
   300Vin / 15Vout / 500Watts DC-DC Converter Module
V48C15C150B VICOR-V48C15C150B Datasheet
173Kb / 8P
   48Vin / 15Vout / 150Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C15C150B VICOR-V375C15C150B Datasheet
142Kb / 8P
   375Vin / 15Vout / 150Watts DC-DC Converter Module
V300B15C250B VICOR-V300B15C250B Datasheet
145Kb / 8P
   300Vin / 15Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com