Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3109-01-HVIZ Datasheet(PDF) 1 Page - Vicor Corporation

Part # PI3109-01-HVIZ
Description  24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3109-01-HVIZ Datasheet(HTML) 1 Page - Vicor Corporation

  PI3109-01-HVIZ Datasheet HTML 1Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 2Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 3Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 4Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 5Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 6Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3109-01-HVIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
24 Volt
Rev 1.4
vicorpower.com
Page 1 of 18
02/2015
800 927.9474
24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
24 Volt
PI31xx-01-HVIZ
Product Description
The ZVS Isolated Converter Module Series consists of high density
isolated DC-DC converters implementing Zero Voltage
Switching topology.
The 24VIN series operates over an input range of 18V to 36V
delivering 50W of output power, yielding an unprecedented
power density of 334W/in3.
These converter modules are surface mountable and only
~.5” square in area achieving ~50% space reduction versus
conventional solutions.
A switching frequency of 900kHz allows for small input and
output filter components which further reduces the total size and
cost of the overall system solution. The output voltage is sensed
and fed back to the internal controller using a proprietary isolated
magnetic feedback scheme which allows for high bandwidth and
good common mode noise immunity.
The PI31xx-01-HVIZ series requires no external feedback
compensation and offers a total solution with a minimum number
of external components. A rich feature set is offered, including
output voltage trim capability, output over-voltage protection,
adjustable soft-start, over-current protection with auto-restart,
over and under input voltage lockout and a temperature
monitoring and protection function that provides an analog
voltage proportional to the die temperature as shut down and
alarm capabilities.
Features
Efficiency up to 88%
High switching frequency minimizes input filter
requirements and reduces output capacitance
Proprietary “Double-Clamped” ZVS Buck-Boost Topology
Proprietary isolated magnetic feedback
Small footprint (0.57in2) enables PCB area savings
Very low profile (0.265in)
On/Off Control, positive logic
Wide trim range +10/-20%
Temperature Monitor (TM) &
Overtemperature Protection (OTP)
Input UVLO & OVLO and output OVP
Overcurrent protection with auto restart
Adjustable soft-start
2250VDC input to output isolation
Surface Mountable 0.87” x 0.65” x 0.265” package
Applications
Industrial and Networking Applications
Space Constrained Systems
Isolated Board Level Power
Package Information
Surface Mountable 0.87” x 0.65” x 0.265” package
Weight = 7.8 grams
Device
Output Voltage
IOUT Max
Set
Range
PI3109-01-HVIZ
5V
4 to 5.5V
10A
PI3106-01-HVIZ
12V
9.6 to 13.2V
4.2A


Similar Part No. - PI3109-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3109-01-HVIZ VICOR-PI3109-01-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3109-01-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24A12C400A VICOR-V24A12C400A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V24B12C200B VICOR-V24B12C200B Datasheet
146Kb / 8P
   24Vin / 12Vout / 200Watts DC-DC Converter Module
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V24A48C400B VICOR-V24A48C400B Datasheet
151Kb / 8P
   24Vin / 48Vout / 400Watts DC-DC Converter Module
V375A12C600B VICOR-V375A12C600B Datasheet
150Kb / 8P
   375Vin / 12Vout / 600Watts DC-DC Converter Module
V24B5C200B VICOR-V24B5C200B Datasheet
145Kb / 8P
   24Vin / 5Vout / 200Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com