Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3105-00-HVIZ Datasheet(PDF) 11 Page - Vicor Corporation

Part # PI3105-00-HVIZ
Description  28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3105-00-HVIZ Datasheet(HTML) 11 Page - Vicor Corporation

Back Button PI3105-00-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 9Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 10Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 11Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 12Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 13Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 14Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 15Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
28 Volt - M Grade
Rev 1.6
vicorpower.com
Page 11 of 26
02/2015
800 927.9474
PI31xx-00-HVMZ
PI3109-00-HVMZ Electrical Characteristics
Unless otherwise specified: 16V < VIN < 50V, 0A < IOUT < 10A, -55°C < TCASE < 100°C [1]
[
1] These parameters are not production tested but are guaranteed by design, characterization and correlation with statistical process control.
Unless otherwise specified, ATE tests are completed at room temperature.
[2] Current flow sourced by a pin has a negative sign.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Input Specifications
Input Voltage Range
VIN
16
28
50
VDC
Input dV/dt [1]
VINDVDT
VIN = 50V
1.0
V/µs
Input Undervoltage Turn-on
VUVON
IO = 10A
14.5
15.3
16
VDC
Input Undervoltage Turn-off
VUVOFF
IO = 10A
13.5
14.1
15.2
VDC
Input Undervoltage Hysteresis
VUVH
IO = 10A
1.2
VDC
Input Overvoltage Turn-on
VOVON
IO = 10A
50.0
52.5
54
VDC
Input Overvoltage Turn-off
VOVOFF
IO = 10A
51
53.7
55
VDC
Input Overvoltage Hysteresis
VOVH
IO = 10A
1.2
VDC
Input Quiescent Current
IQ
VIN = 28V, ENABLE = 0V
2
mADC
Input Idling Power
PIDLE
VIN = 28V, IOUT = 0A
3.5
W
Input Standby Power
PSBY
VIN = 28V, ENABLE = 0V
0.056
W
Input Current Full Load
IIN
TCASE = 100°C, IOUT = 10A,
η
FL = 88% typical,
VIN = 28V
2.03
ADC
Input Reflected Ripple Current
IINRR
LIN = 0.47µH CIN = 100µF 63V electrolytic + 2 x 4.7µF
50V X7R ceramic
13
mApp
Recommended Ext Input Capacitance
CIN
CIN = 100µF 63V electrolytic + 2 x 4.7µF 50V X7R
ceramic CIN = Cbulk + Chf
109.4
µF
Output Specifications
Output Voltage Set Point
VOUT
IOUT = 5A
5.0
VDC
Total Output Accuracy
VOA
-0ºC < TCASE < 100ºC
-3
+3
%
-55ºC < TCASE < 0ºC
-5
+3
%
Output Voltage Trim Range
VOADJ
-20
10
%
Output Current Range
IOUT
10
ADC
Overcurrent Protection
IOCP
10.8
15
20
ADC
Efficiency – Full Load
η
FL
TCASE = 100ºC, VIN = 28V
86
88
%
Efficiency – Half Load
η
HL
TCASE = 100ºC, VIN = 28V
83.5
85.5
%
Output OVP Set Point
VOVP
6.0
6.3
6.6
VDC
Output Ripple Voltage
VORPP
COUT = 6 x 10µF 10V X7R DC-20MHz
135
mVpp
Switching Frequency
fSW
900
kHz
Output Turn-on Delay Time
tONDLY
VIN = VUVON to ENABLE = 5V; VIN rise time < 1ms
80
ms
Output Turn-off Delay Time
tOFFDLY
VIN = VUVOFF to ENABLE < 2.35V
375
µs
Soft-Start Ramp Time
tSS
ENABLE = 5V to 90% VOUT CREF = 0
230
µs
Maximum Load Capacitance
COUT
CREF = 0.22µF, COUT = Al Electrolytic
4700
µF
Load Transient Deviation
VODV
IOUT = 50% step 0.1A/µS
COUT = 6 x 10µF 10V X7R
90
mV
Load Transient Recovery Time
tOVR
IOUT = 50% step 0.1A/µS
COUT = 6 x 10µF 10V X7R
VOUT - 1%
100
µs
Maximum Output Power
POUT
50
W
Absolute Maximum Output Ratings
Name
Rating
+OUT to –OUT
-0.5V to 6.8VDC
Continuous Output Current
10ADC
Peak Output Current
20ADC


Similar Part No. - PI3105-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3105-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI31XX-00-HVMZ VICOR-PI31XX-00-HVMZ_18 Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ Datasheet
966Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-01-HVIZ VICOR-PI31XX-01-HVIZ_18 Datasheet
949Kb / 18P
   24VIN, 5V and 12VOUT, ZVS Isolated Converter Module Family
PI31XX-0X-HVIZ VICOR-PI31XX-0X-HVIZ Datasheet
1Mb / 22P
   48VIN and 3.3 ??18VOUT, ZVS Isolated DC-DC Converter Modules
V48A15C500B VICOR-V48A15C500B Datasheet
150Kb / 8P
   48Vin / 15Vout / 500Watts DC-DC Converter Module
V300A15C500B VICOR-V300A15C500B Datasheet
151Kb / 8P
   300Vin / 15Vout / 500Watts DC-DC Converter Module
V48C15C150B VICOR-V48C15C150B Datasheet
173Kb / 8P
   48Vin / 15Vout / 150Watts DC-DC Converter Module
V375B15C300B VICOR-V375B15C300B Datasheet
149Kb / 8P
   375Vin / 15Vout / 300Watts DC-DC Converter Module
V375C15C150B VICOR-V375C15C150B Datasheet
142Kb / 8P
   375Vin / 15Vout / 150Watts DC-DC Converter Module
V300B15C250B VICOR-V300B15C250B Datasheet
145Kb / 8P
   300Vin / 15Vout / 250Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com