Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3105-00-HVIZ Datasheet(PDF) 2 Page - Vicor Corporation

Part # PI3105-00-HVIZ
Description  DC-DC Converter Evaluation Board
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3105-00-HVIZ Datasheet(HTML) 2 Page - Vicor Corporation

  PI3105-00-HVIZ Datasheet HTML 1Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 2Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 3Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 4Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 5Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 6Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 7Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 8Page - Vicor Corporation PI3105-00-HVIZ Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
UG:301
vicorpower.com
Applications Engineering: 800 927.9474
Page 2
Cool-Power® PI31xx Series Product Description
The PI31xx operates over a wide range input, delivering 50 W or 60 W output power
depending on the individual model number. The PI31xx Series is available in a space
saving surface mountable 0.87” x 0.65” x 0.265” Power –System –in – a – Package (PSiP),
achieving ~50% space reduction versus alternative solutions.
The switching frequency of 900kHz allows for small input and output filter components
which further reduces the total size and cost of the overall system solution. The output
voltage is sensed and fed back to the internal controller using a proprietary isolated
magnetic feedback scheme which allows for high bandwidth and good common mode
noise immunity.
The PI31xx Series requires no external feedback compensation and offers a total
solution with a minimum number of external components. A rich feature set is
offered, including + 10%, -20% output voltage trim capability (depending on the model
number), remote enable, over-voltage protection, adjustable soft-start, over-current
protection with auto-restart to protect against both short circuit and overload and over
and under input voltage lockout. A unique temperature monitor and protection circuit
is included that provides an analog voltage proportional to the internal die temperature,
as well as over temperature shutdown, restart and over temperature fault alarm signal.
Board Connections
1. Connect Test Equipment
a. Connect the input DC power supply to the target board as shown in Figure 6.
The negative terminal should be wired to –IN and the positive terminal should
connect to the positive terminal of the DMM wired as a DC Ammeter. Be sure
that the proper sized wires are used to allow minimum voltage drop for a
maximum input current of up to 4 A. Use ring lugs mated to the included
fasteners on the evaluation board. If your input power supply has remote sense
capability, it can be wired to the INN and INP test points if desired. Connect the
positive terminal of the DMM to the +IN lug on the evaluation board.
b. Connect the primary side DMM (for measuring the input voltage) to INN and
INP respectively.
c. Connect the oscilloscope as shown in Figure 6 if you are planning to measure
both primary and secondary signals at the same time. If you do not have an
isolated differential amplifier, it is important to note that simultaneous
measurement of both primary and secondary referenced signals using an
oscilloscope with a grounded chassis is not recommended, as it will short circuit
the primary to secondary isolation barrier. Floating the oscilloscope is also not
recommended due to the large capacitance introduced by this long standing
practice. The best practice is to use an isolated differential amplifier or use an
oscilloscope with isolated channels. That is, the input returns are isolated from
each other and earth ground.
d. Connect the output DC DMM to the test points OUTN and OUTP. These test
points are done in a Kelvin type manner so that they have no high current
flowing in them.
e. Connect the DC Load to the output lugs OUT+ and OUT-. It is critical for this
connection to be low inductance.


Similar Part No. - PI3105-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
3Mb / 22P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
4Mb / 26P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
2Mb / 18P
   Cool-Power ZVS Isolated DC-DC Converter Modules
PI3105-00-HVIZ VICOR-PI3105-00-HVIZ Datasheet
1Mb / 26P
   28VIN, 3.3 to 15VOUT, ZVS Isolated Converter Module Family
More results

Similar Description - PI3105-00-HVIZ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV6001DN-00A MPS-EV6001DN-00A Datasheet
222Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6002DN-00A MPS-EV6002DN-00A Datasheet
149Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6001DN-01A MPS-EV6001DN-01A Datasheet
215Kb / 5P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV6003-N-00A MPS-EV6003-N-00A Datasheet
691Kb / 9P
   Monolithic Flyback/Forward DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVALISC004V1 STMICROELECTRONICS-STEVALISC004V1 Datasheet
304Kb / 4P
   STUSB4710A evaluation board (with on-board DC-DC)
September 2017
logo
Monolithic Power System...
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
   High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
logo
STMicroelectronics
STEVAL-ISA059V1 STMICROELECTRONICS-STEVAL-ISA059V1 Datasheet
125Kb / 4P
   DC-DC converter demonstration board
March 2009 Rev 1
logo
Murata Manufacturing Co...
LSM-EB MURATA-LSM-EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com