Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANT161575DT-2000AM1 Datasheet(PDF) 5 Page - TDK Electronics

Part # ANT161575DT-2000AM1
Description  Multilayer Antenna
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

ANT161575DT-2000AM1 Datasheet(HTML) 5 Page - TDK Electronics

  ANT161575DT-2000AM1 Datasheet HTML 1Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 2Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 3Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 4Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 5Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 6Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 7Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 8Page - TDK Electronics ANT161575DT-2000AM1 Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RF Components
• All specifications are subject to change without notice.
• Before using these products, be sure to request the delivery specifications.
20160926 / rf_ant_ant161575dt-2000am1_summary
ANT161575DT-2000AM1
RADIATION PATTERNS
GPS BAND
RHCP
• Tested antenna has been soldered. Evaluation board size is 120×65×1 mm.
Z-X plane
Z-Y plane
X-Y plane
180°
270°
315°
135°
45°
225°
90°
0
–10
10(dBi)
–20
–30
–40
Frequency(GHz)
Average(dBic)
Maximum(dBic)
Minimum(dBic)
1.575
–6.3
–2.9
–12.2
180°
270°
315°
135°
45°
225°
90°
0
–10
10(dBi)
–20
–30
–40
Frequency(GHz)
Average(dBic)
Maximum(dBic)
Minimum(dBic)
1.575
–6.5
–3.7
–12.1
180°
270°
315°
135°
45°
225°
90°
0
–10
10(dBi)
–20
–30
–40
Frequency(GHz)
Average(dBic)
Maximum(dBic)
Minimum(dBic)
1.575
–5.3
–3.7
–6.7
270°
90°
X
Y
Z
270°
90°
Y
X
Z
270˚
90˚
Y
Z
X


Similar Part No. - ANT161575DT-2000AM1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ANT161575ST-1202A1 TDK-ANT161575ST-1202A1 Datasheet
317Kb / 8P
   Multilayer Antenna
ANT161575TT-3000A1 TDK-ANT161575TT-3000A1 Datasheet
467Kb / 10P
   Multilayer Antenna (Triple Band type)
More results

Similar Description - ANT161575DT-2000AM1

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ANT162442ST-1000AM1 TDK-ANT162442ST-1000AM1 Datasheet
320Kb / 8P
   Multilayer Antenna
ANT016008LCS2442MA1 TDK-ANT016008LCS2442MA1 Datasheet
323Kb / 8P
   Multilayer Antenna
ANT162442ST-1201AM1 TDK-ANT162442ST-1201AM1 Datasheet
305Kb / 8P
   Multilayer Antenna
ANT161575ST-1202A1 TDK-ANT161575ST-1202A1 Datasheet
317Kb / 8P
   Multilayer Antenna
ANT165550ST-1003A1 TDK-ANT165550ST-1003A1 Datasheet
259Kb / 9P
   Multilayer Antenna
ANT162442DT-2001AM1 TDK-ANT162442DT-2001AM1 Datasheet
407Kb / 9P
   Multilayer Antenna
ANT160920ST-1204A1 TDK-ANT160920ST-1204A1 Datasheet
284Kb / 8P
   Multilayer Antenna
ANT016008LCS2442MA2 TDK-ANT016008LCS2442MA2 Datasheet
310Kb / 8P
   Multilayer Antenna
logo
List of Unclassifed Man...
AT3216 ETC-AT3216 Datasheet
377Kb / 4P
   Multilayer Chip Antenna
logo
Central Technologies
CTCA3216F500B CT-CTCA3216F500B Datasheet
1Mb / 3P
   Multilayer Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com