Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF203G Datasheet(PDF) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

Part # UF203G
Description  2.0AMPS. GLASS PASSIVATED ULTRA FAST RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHONGQING [Chongqing Pingwei Enterprise co.,Ltd]
Direct Link  http://www.perfectway.cn
Logo CHONGQING - Chongqing Pingwei Enterprise co.,Ltd

UF203G Datasheet(HTML) 1 Page - Chongqing Pingwei Enterprise co.,Ltd

  UF203G Datasheet HTML 1Page - Chongqing Pingwei Enterprise co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
- 211 -
UF201G THRU UF207G
2.0AMPS. GLASS PASSIVATED ULTRA FAST RECTIFIERS
FEATURE
.
Low leakage
.
Low forward voltage drop
.
High current capability
.
High surge capability
.
High reliability
.
High temperature soldering guaranteed
260°C /10sec / 0.375" lead length at 5 lbs tension
MECHANICAL DATA
.
Terminal: Plated axial leads solderable per
MIL-STD 202E, method 208C
.
Case: Molded with UL-94 Class V-0 recognized
Flame Retardant Epoxy
.
Polarity: color band denotes cathode
.
Mounting position: any
DO-15
1.0(25.4)
M IN.
.300(7.6)
.230(5.8)
1.0(25.4)
M IN.
.140(3.6)
.104(2.6)
DIA.
+
-
.034(0.9)
.028(0.7)
DIA.
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz,resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
SYMBOL
UF
201G
UF
202G
UF
203G
UF
204G
UF
205G
UF
206G
UF
207G
units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward Rectified Current
.375"(9.5mm) lead length at TA =55°C
IF(AV)
2.0
A
Peak Forward Surge Current 8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
60
A
Maximum Instantaneous forward Voltage at
2.0A DC
VF
1.0
1.7
V
Maximum DC Reverse Current
@TA=25°C
at rated DC blocking voltage
@TA =125°C
IR
5.0
100.0
µA
Maximum Reverse Recovery Time (Note 1)
trr
50
75
ns
Typical Junction Capacitance (Note 2)
CJ
50
30
pF
Typical Thermal Resistance (Note 3)
R(JA)
75
°C/W
Storage Temperature
TSTG
-55 to +150
°C
Operation Junction Temperature
TJ
-55 to +150
°C
Note:
1. Test Conditions: IF=0.5A, IR=1.0A, IRR=0.25A
2. Measured at 1.0 MHz and applied reverse voltage of 4.0Vdc
3. Thermal Resistance from Junction to Ambient at 0.375"(9.5mm)lead length, vertical P.C. Board Mounted.


Similar Part No. - UF203G

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
UF203G YENYO-UF203G Datasheet
659Kb / 2P
   Glass Passivated Ultra Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
UF203G ZSELEC-UF203G Datasheet
90Kb / 2P
   2.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UF203G

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
HERS201G FCI-HERS201G Datasheet
531Kb / 2P
   2.0Amps Surface Mount Glass Passivated Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
SF21G TSC-SF21G_11 Datasheet
190Kb / 2P
   2.0AMPS. Glass Passivated Super Fast Rectifiers
logo
Chongqing Pingwei Enter...
FR201G CHONGQING-FR201G_16 Datasheet
178Kb / 1P
   2.0AMPS . GLASS PASSIVATED FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
FR201G TSC-FR201G_13 Datasheet
424Kb / 4P
   2.0AMPS Glass Passivated Fast Recovery Rectifiers
logo
Chongqing Pingwei Enter...
RL201G CHONGQING-RL201G_16 Datasheet
178Kb / 1P
   2.0AMPS .GLASS PASSIVATED RECTIFIERS
UF201 CHONGQING-UF201 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
UF201 CHONGQING-UF201_16 Datasheet
193Kb / 1P
   2.0AMPS. SILICON ULTRA FAST RECTIFIERS
logo
Compact Technology Corp...
UF1001G CTC-UF1001G Datasheet
38Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
UF1001G CTC-UF1001G_15 Datasheet
54Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
logo
Lite-On Technology Corp...
UG1007 LITEON-UG1007 Datasheet
35Kb / 2P
   ULTRA FAST GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com