Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6T4016U3C-RB10 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K6T4016U3C-RB10
Description  256Kx16 bit Low Power and Low Voltage CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6T4016U3C-RB10 Datasheet(HTML) 3 Page - Samsung semiconductor

  K6T4016U3C-RB10 Datasheet HTML 1Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 2Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 3Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 4Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 5Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 6Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 7Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 8Page - Samsung semiconductor K6T4016U3C-RB10 Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
K6T4016V3C, K6T4016U3C Family
CMOS SRAM
Revision 2.01
October 2001
3
PRODUCT LIST
Commercial Temperature Product(0~70
°C)
Industrial Temperature Products(-40~85
°C)
Part Name
Function
Part Name
Function
K6T4016V3C-TB55
K6T4016V3C-TB70
K6T4016V3C-TB85
K6T4016V3C-TB10
K6T4016V3C-RB70
K6T4016V3C-RB85
K6T4016V3C-RB10
K6T4016U3C-TB70
K6T4016U3C-TB85
K6T4016U3C-TB10
K6T4016U3C-RB70
K6T4016U3C-RB85
K6T4016U3C-RB10
44-TSOP2-F, 55ns, 3.3V, LL
44-TSOP2-F, 70ns, 3.3V, LL
44-TSOP2-F, 85ns, 3.3V, LL
44-TSOP2-F, 100ns, 3.3V, LL
44-TSOP2-R, 70ns, 3.3V, LL
44-TSOP2-R, 85ns, 3.3V, LL
44-TSOP2-R, 100ns, 3.3V, LL
44-TSOP2-F, 70ns, 3.0V, LL
44-TSOP2-F, 85ns, 3.0V, LL
44-TSOP2-F, 100ns, 3.0V, LL
44-TSOP2-R, 70ns, 3.0V, LL
44-TSOP2-R, 85ns, 3.0V, LL
44-TSOP2-R, 100ns, 3.0V, LL
K6T4016V3C-TF70
K6T4016V3C-TF85
K6T4016V3C-TF10
K6T4016V3C-RF70
K6T4016V3C-RF85
K6T4016V3C-RF10
K6T4016U3C-TF70
K6T4016U3C-TF85
K6T4016U3C-TF10
K6T4016U3C-RF70
K6T4016U3C-RF85
K6T4016U3C-RF10
44-TSOP2-F, 70ns, 3.3V, LL
44-TSOP2-F, 85ns, 3.3V, LL
44-TSOP2-F, 100ns, 3.3V, LL
44-TSOP2-R, 70ns, 3.3V, LL
44-TSOP2-R, 85ns, 3.3V, LL
44-TSOP2-R, 100ns, 3.3V, LL
44-TSOP2-F, 70ns, 3.0V, LL
44-TSOP2-F, 85ns, 3.0V, LL
44-TSOP2-F, 100ns, 3.0V, LL
44-TSOP2-R, 70ns, 3.0V, LL
44-TSOP2-R, 85ns, 3.0V, LL
44-TSOP2-R, 100ns, 3.0V, LL
ABSOLUTE MAXIMUM RATINGS1)
1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. Functional operation should be
restricted to recommended operating condition. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Ratings
Unit
Remark
Voltage on any pin relative to Vss
VIN,VOUT
-0.5 to VCC+0.5
V
-
Voltage on Vcc supply relative to Vss
VCC
-0.3 to 4.6
V
-
Power Dissipation
PD
1.0
W
-
Storage temperature
TSTG
-65 to 150
°C
-
Operating Temperature
TA
0 to 70
°C
K6T4016V3C-B, K6T4016U3C-B
-40 to 85
°C
K6T4016V3C-F, K6T4016U3C-F
FUNCTIONAL DESCRIPTION
1. X means don
′t care. (Must be in low or high state)
CS
OE
WE
LB
UB
I/O1~8
I/O9~16
Mode
Power
H
X1)
X1)
X1)
X1)
High-Z
High-Z
Deselected
Standby
L
H
H
X1)
X1)
High-Z
High-Z
Output Disabled
Active
L
X1)
X1)
H
H
High-Z
High-Z
Output Disabled
Active
L
L
H
L
H
Dout
High-Z
Lower Byte Read
Active
L
L
H
H
L
High-Z
Dout
Upper Byte Read
Active
L
L
H
L
L
Dout
Dout
Word Read
Active
L
X1)
L
L
H
Din
High-Z
Lower Byte Write
Active
L
X1)
L
H
L
High-Z
Din
Upper Byte Write
Active
L
X1)
L
L
L
Din
Din
Word Write
Active


Similar Part No. - K6T4016U3C-RB10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-B SAMSUNG-K6T4016C3B-B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-F SAMSUNG-K6T4016C3B-F Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-RB55 SAMSUNG-K6T4016C3B-RB55 Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6T4016C3B-RB70 SAMSUNG-K6T4016C3B-RB70 Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
More results

Similar Description - K6T4016U3C-RB10

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6X4016T3F SAMSUNG-K6X4016T3F Datasheet
138Kb / 9P
   256Kx16 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Circuit Solu...
IC62LV25616L ICSI-IC62LV25616L Datasheet
126Kb / 11P
   256Kx16 bit Low Voltage and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T4016C3B SAMSUNG-K6T4016C3B Datasheet
149Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
KM6164000B SAMSUNG-KM6164000B Datasheet
151Kb / 9P
   256Kx16 bit Low Power CMOS Static RAM
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6X4016C3F SAMSUNG-K6X4016C3F Datasheet
131Kb / 9P
   256Kx16 bit Low Power full CMOS Static RAM
logo
Integrated Circuit Solu...
IC62VV25616LL ICSI-IC62VV25616LL Datasheet
321Kb / 11P
   256Kx16 bit 1.8V and Ultra Low Power CMOS Static RAM
logo
Samsung semiconductor
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6X4008T1F SAMSUNG-K6X4008T1F Datasheet
174Kb / 9P
   512Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com