Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LAN9118 Datasheet(PDF) 6 Page - SMSC Corporation

Part # LAN9118
Description  HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9118 Datasheet(HTML) 6 Page - SMSC Corporation

  LAN9118 Datasheet HTML 1Page - SMSC Corporation LAN9118 Datasheet HTML 2Page - SMSC Corporation LAN9118 Datasheet HTML 3Page - SMSC Corporation LAN9118 Datasheet HTML 4Page - SMSC Corporation LAN9118 Datasheet HTML 5Page - SMSC Corporation LAN9118 Datasheet HTML 6Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
High-Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Revision 0.5 (09-09-04)
6
SMSC LAN9118
PRODUCT PREVIEW
Package Outline
Notes:
1 Controlling Unit: millimeter.
2 Tolerance on the true position of the leads is ± 0.04 mm maximum.
3 Package body dimensions D1 and E1 do not include the mold protrusion. Maximum mold protrusion is 0.25 mm.
4 Dimension for foot length L measured at the gauge plane 0.25 mm above the seating plane.
5 Details of pin 1 identifier are optional but must be located within the zone indicated.
Figure 3 100 Pin TQFP Package Outline
Table 1 100 Pin TQFP Package Parameters
MIN
NOMINAL
MAX
REMARKS
A
~
~
1.60
Overall Package Height
A1
0.05
~
0.15
Standoff
A2
1.35
~
1.45
Body Thickness
D
15.80
~
16.20
X Span
D1
13.90
~
14.10
X body Size
E
15.80
~
16.20
Y Span
E1
13.90
~
14.10
Y body Size
H
0.09
~
0.20
Lead Frame Thickness
L
0.45
0.60
0.75
Lead Foot Length
L1
~
1.00
~
Lead Length
e
0.50 Basic
Lead Pitch
θ
0o
~7o
Lead Foot Angle
W
0.17
0.22
0.27
Lead Width
R1
0.08
~
~
Lead Shoulder Radius
R2
0.08
~
0.20
Lead Foot Radius
ccc
~
~
0.08
Coplanarity


Similar Part No. - LAN9118

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9118 SMSC-LAN9118 Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118-MD SMSC-LAN9118-MD Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118-MT SMSC-LAN9118-MT Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
More results

Similar Description - LAN9118

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX88780 ASIX-AX88780 Datasheet
2Mb / 49P
   High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
AX88780 ASIX-AX88780_07 Datasheet
453Kb / 55P
   High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com