Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHP3015-QDG Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHP3015-QDG
Description  8.5-10.5GHz Phase Shifter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHP3015-QDG Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHP3015-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHP3015-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
CHP3015-QDG
8.5-10.5GHz Phase Shifter
Ref. : DSCHP3015-QDG3351 - 17 Dec 13
4/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Bias Conditions
Two options are possible for the positive value of the biasing circuit without impact on the RF
performances.
Option 1
Symbol
PIN No
Parameter
Values
Unit
V+
21
Positive Supply Voltage
+5
V
V-
19
Negative Supply Voltage
-5
V
V+
20
Positive Supply Voltage
NC
Bit1 to Bit6
18 to 13
Control Voltage
0 / +3.3
V
Option 2
Symbol
PIN No
Parameter
Values
Unit
V+
21
Positive Supply Voltage
+3.3
V
V-
19
Negative Supply Voltage
-5
V
V+
20
Positive Supply Voltage
+3.3
V
Bit1 to Bit6
18 to 13
Control Voltage
0 / +3.3
V


Similar Part No. - CHP3015-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHP3015-99F UMS-CHP3015-99F Datasheet
936Kb / 16P
   X-Band 6-Bit Digital Phase Shifter
CHP3015-99F UMS-CHP3015-99F_15 Datasheet
936Kb / 16P
   X-Band 6-Bit Digital Phase Shifter
More results

Similar Description - CHP3015-QDG

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP2103 TRIQUINT-TGP2103_15 Datasheet
516Kb / 9P
   8.5 -11 GHz 6-bit Phase Shifter
TGP2103 TRIQUINT-TGP2103 Datasheet
331Kb / 9P
   8.5 - 11 GHz 6-Bit Phase Shifter
logo
Pasternack Enterprises,...
PE82P5001 PASTERNACK-PE82P5001 Datasheet
489Kb / 8P
   8 Bit Programmable Phase Shifter, 8.5 GHz to 11 GHz
logo
Merrimac Industries, In...
PSD-2SH-1.9G MERRIMAC-PSD-2SH-1.9G Datasheet
96Kb / 1P
   PHASE SHIFTER
logo
SYNERGY MICROWAVE CORPO...
PS220230B SYNERGY-PS220230B Datasheet
420Kb / 3P
   PHASE SHIFTER
SPS-1300 SYNERGY-SPS-1300 Datasheet
343Kb / 3P
   PHASE SHIFTER
PS-352 SYNERGY-PS-352 Datasheet
330Kb / 3P
   PHASE SHIFTER
PS-117 SYNERGY-PS-117 Datasheet
319Kb / 3P
   PHASE SHIFTER
PS-901 SYNERGY-PS-901 Datasheet
389Kb / 3P
   PHASE SHIFTER
PS-909 SYNERGY-PS-909 Datasheet
303Kb / 3P
   PHASE SHIFTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com