Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHR3763-QDG Datasheet(PDF) 10 Page - United Monolithic Semiconductors

Part # CHR3763-QDG
Description  12-16GHz Integrated Down Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3763-QDG Datasheet(HTML) 10 Page - United Monolithic Semiconductors

Back Button CHR3763-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 9Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 10Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 11Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 12Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 13Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 14Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
CHR3763-QDG
12-16GHz Integrated Down Converter
Ref. : DSCHR3763-QDG3324 - 20 Nov 13
10/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Board Measurements
Tamb.= +25°C, VD1= VD2= VD3= +3V, VG4= -1V, P_LO = +5dBm
Input IP3 versus temperature at RF = 14.5GHz
(USB & LSB modes – RF = -20dBm DCL)
Return Loss LO & RF
-6
-4
-2
0
2
4
6
8
10
0.5
1
1.5
2
2.5
3
3.5
4
IF Frequency (GHz)
USB at 85°C
LSB at 85°C
USB at 25°C
LSB at 25°C
USB at -40°C
LSB at -40°C
-40
-35
-30
-25
-20
-15
-10
-5
0
5
7.5
10
12.5
15
17.5
20
22.5
25
Frequency (GHz)
LO Return Loss
RF Return Loss


Similar Part No. - CHR3763-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR3762-QDG UMS-CHR3762-QDG Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3762-QDG20 UMS-CHR3762-QDG20 Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3762-QDG21 UMS-CHR3762-QDG21 Datasheet
491Kb / 16P
   5.5-9GHz Integrated Down Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
526Kb / 18P
   21-27GHz Down-Converter
CHR3764-QEG UMS-CHR3764-QEG Datasheet
537Kb / 18P
   21-27GHz Down-Converter
More results

Similar Description - CHR3763-QDG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHR2391 UMS-CHR2391_11 Datasheet
207Kb / 6P
   12-16GHz Integrated Down Converter
CHR3352-QEG UMS-CHR3352-QEG Datasheet
622Kb / 16P
   12-16GHz Integrated Down Converter
CHR2391 UMS-CHR2391 Datasheet
168Kb / 6P
   12-16GHz Integrated Down Converter
CHR3362-QEG UMS-CHR3362-QEG Datasheet
626Kb / 16P
   10-16GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG_15 Datasheet
564Kb / 16P
   7-16GHz Integrated Down Converter
CHR2291 UMS-CHR2291_11 Datasheet
120Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291_15 Datasheet
131Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291 Datasheet
121Kb / 6P
   12-17GHz Integrated Down Converter
CHR2291 UMS-CHR2291_04 Datasheet
89Kb / 6P
   12-17GHz Integrated Down Converter
CHR3662-QDG UMS-CHR3662-QDG Datasheet
357Kb / 16P
   7-16GHz Integrated Down Converter GaAs Monolithic Microwave IC in SMD package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com