Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC6203P18APL Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6203P18APL
Description  POSITIVE VOLTAGE REGULATORS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6203P18APL Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6203P18APL Datasheet HTML 1Page - Torex Semiconductor XC6203P18APL Datasheet HTML 2Page - Torex Semiconductor XC6203P18APL Datasheet HTML 3Page - Torex Semiconductor XC6203P18APL Datasheet HTML 4Page - Torex Semiconductor XC6203P18APL Datasheet HTML 5Page - Torex Semiconductor XC6203P18APL Datasheet HTML 6Page - Torex Semiconductor XC6203P18APL Datasheet HTML 7Page - Torex Semiconductor XC6203P18APL Datasheet HTML 8Page - Torex Semiconductor XC6203P18APL Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
■Marking
GSOT-89, SOT-223
XC6203
Series
243
3
DESIGNATOR
PRODUCT NAME
3
XC6203*****
VOLTAGE=0.1∼3.0V
5
VOLTAGE=3.1∼6.0V VOLTAGE=2.85V
DESIGNATOR
XC6203P*****
XC6203E*****
PRODUCT NAME
7
4
6
3
2
0
E
DESIGNATOR
4
3
2
1
3.1
4.5
D
4.4
C
4.3
B
4.2
A
4.1
9
4.0
8
3.9
7
3.8
6
3.7
5
2.85
3.6
3.5
3.4
3.3
3.2
OUTPUT VOLTAGE(V)
F
Z
DESIGNATOR
3.0
M
2.0
L
1.9
K
1.8
H
4.6
6.0
Y
2.9
5.9
X
2.8
5.8
V
2.7
5.7
U
2.6
5.6
T
2.5
5.5
S
2.4
5.4
R
2.3
5.3
P
2.2
5.2
N
2.1
5.1
5.0
4.9
4.8
4.7
OUTPUT VOLTAGE(V)
r Denotes the production lot number
  0 to 9, A to Z repeated(G.I.J.O.Q.W excepted)
q Represents the product name
w Represents the type of regulator
e Represents the output voltage
SOT-89
(TOP VIEW)
q
w
e
r
1
2
3
4
SOT-223
(TOP VIEW)
03S_03XC6203 02.9.12 2:54 PM ページ 243


Similar Part No. - XC6203P18APL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6203P18APL TOREX-XC6203P18APL Datasheet
1Mb / 20P
   Large Current Positive Voltage Regulators
More results

Similar Description - XC6203P18APL

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC62HR TOREX-XC62HR Datasheet
112Kb / 32P
   Positive Voltage Regulators
logo
AUK corp
S78LXXF AUK-S78LXXF_1 Datasheet
340Kb / 9P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78MXX-Q1 TI-UA78MXX-Q1 Datasheet
173Kb / 9P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78XX STMICROELECTRONICS-L78XX Datasheet
1Mb / 56P
   Positive voltage regulators
logo
Wing Shing Computer Com...
78L05 WINGS-78L05 Datasheet
261Kb / 5P
   Positive-Voltage Regulators
78L24 WINGS-78L24 Datasheet
145Kb / 2P
   Positive-Voltage Regulators
logo
Texas Instruments
UA78M33QDCYRQ1 TI-UA78M33QDCYRQ1 Datasheet
754Kb / 13P
[Old version datasheet]   POSITIVE-VOLTAGE REGULATORS
logo
STMicroelectronics
L78L08ACZ-AP STMICROELECTRONICS-L78L08ACZ-AP Datasheet
776Kb / 47P
   Positive voltage regulators
logo
AUK corp
S78LXXF AUK-S78LXXF Datasheet
270Kb / 8P
   Positive-Voltage Regulators
logo
Micropac Industries
42050 MICROPAC-42050 Datasheet
121Kb / 3P
   POSITIVE VOLTAGE REGULATORS
logo
STMicroelectronics
L78L00 STMICROELECTRONICS-L78L00 Datasheet
453Kb / 24P
   POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com