Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHT3029-QEG Datasheet(PDF) 11 Page - United Monolithic Semiconductors

Part # CHT3029-QEG
Description  DC-31GHz 4Bit Digital Attenuator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHT3029-QEG Datasheet(HTML) 11 Page - United Monolithic Semiconductors

Back Button CHT3029-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 10Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 11Page - United Monolithic Semiconductors CHT3029-QEG Datasheet HTML 12Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DC-31GHz 4Bit Digital Attenuator
CHT3029-QEG
Ref. : DSCHT3029-QEG5357 - 23 Dec 15
11/12
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Evaluation mother board
■ Compatible with the proposed footprint.
■ Based on typically Ro4003 / 8mils or equivalent.
■ Using a micro-strip to coplanar transition to access the package.
■ See application note AN0017 for details.
Recommended assembly table
Label
Pad
number
Decoupling
Comment
RF IN
RF OUT
6
14
External DC block must be used
to ensure DC decoupling
Input
and
Output
RF
accesses
A1
A2
A3
A4
3
2
1
24
Not required
Bit control pads
V+
16
10nF
Positive Supply
V-
17
10nF
Negative Supply


Similar Part No. - CHT3029-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHT3029-99F UMS-CHT3029-99F Datasheet
1Mb / 12P
   DC-35GHz 4 Bit Digital Attenuator
More results

Similar Description - CHT3029-QEG

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TGL2223-SM QORVO-TGL2223-SM Datasheet
867Kb / 11P
   1 ??31GHz 5-Bit Digital Attenuator
TGL2767-SM QORVO-TGL2767-SM Datasheet
599Kb / 11P
   2 ??31GHz Voltage Variable Attenuator
logo
United Monolithic Semic...
CHT3029-99F UMS-CHT3029-99F Datasheet
1Mb / 12P
   DC-35GHz 4 Bit Digital Attenuator
logo
Mini-Circuits
DAT-31-PN MINI-DAT-31-PN Datasheet
460Kb / 12P
   Digital Step Attenuator DC-2400 MHz
logo
United Monolithic Semic...
CHT4012-98F UMS-CHT4012-98F Datasheet
861Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012A98F UMS-CHT4012A98F Datasheet
903Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-98F UMS-CHT4012-98F_15 Datasheet
872Kb / 14P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG_15 Datasheet
579Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
CHT4012-QDG UMS-CHT4012-QDG Datasheet
568Kb / 12P
   DC-6GHz 6-BIT DIGITAL ATTENUATOR
logo
Custom MMIC Design Serv...
CMD281 MMIC-CMD281 Datasheet
307Kb / 10P
   DC-40 GHz 2-bit Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com