Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHV1203-98F Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHV1203-98F
Description  Low Phase Noise S band HBT VCO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHV1203-98F Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHV1203-98F Datasheet HTML 2Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 3Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 4Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 5Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 6Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 7Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 8Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 9Page - United Monolithic Semiconductors CHV1203-98F Datasheet HTML 10Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
CHV1203-98F
Low Phase Noise S band HBT VCO
Ref. : DSCHV12036212 -July the 29th, 2016
6/10
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34 - www.ums-gaas.com
Typical Measurements on Boards
Temperature = -20, +25, +85°C, Vd = +3.0V, Id = 50mA
Phase Noise @ 10kHz versus frequency
Phase Noise @ 100kHz versus frequency
-100
-95
-90
-85
-80
-75
-70
-65
-60
2.3
2.5
2.7
2.9
3.1
3.3
Frequency (GHz)
-120
-115
-110
-105
-100
-95
-90
-85
-80
2.3
2.5
2.7
2.9
3.1
3.3
Frequency (GHz)


Similar Part No. - CHV1203-98F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CHV1206 BOURNS-CHV1206 Datasheet
165Kb / 4P
   Thick Film High Voltage Chip Resistors
logo
United Monolithic Semic...
CHV1206-98F UMS-CHV1206-98F Datasheet
285Kb / 10P
   Low Phase Noise C band HBT VCO
logo
Bourns Electronic Solut...
CHV1206-FW-1000EST BOURNS-CHV1206-FW-1000EST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
CHV1206-FX-1000EST BOURNS-CHV1206-FX-1000EST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
CHV1206-JW-1000EST BOURNS-CHV1206-JW-1000EST Datasheet
190Kb / 4P
   CHV-ST Series – Thick Film High Voltage Chip Resistors
05/21
More results

Similar Description - CHV1203-98F

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHV1206-98F UMS-CHV1206-98F Datasheet
285Kb / 10P
   Low Phase Noise C band HBT VCO
logo
NEC
NE52118 NEC-NE52118 Datasheet
63Kb / 12P
   L to S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
NE52118 NEC-NE52118_00 Datasheet
41Kb / 7P
   L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
logo
United Monolithic Semic...
CHV3241-QDG UMS-CHV3241-QDG_15 Datasheet
835Kb / 14P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
CHV2411AQDG UMS-CHV2411AQDG_15 Datasheet
1Mb / 12P
   Fully Integrated HBT K-band VCO
CHV2412-QDG UMS-CHV2412-QDG_15 Datasheet
1Mb / 11P
   Fully integrated HBT K-Band VCO
logo
California Eastern Labs
NE52418 CEL-NE52418 Datasheet
196Kb / 6P
   NECs L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
logo
United Monolithic Semic...
CHV3242-QDG UMS-CHV3242-QDG_15 Datasheet
818Kb / 14P
   Fully integrated HBT K-Band VCO
CHV2411A_0709 UMS-CHV2411A_0709 Datasheet
1Mb / 10P
   Fully Integrated HBT K-band VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com