Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHZ015A-QEG Datasheet(PDF) 6 Page - United Monolithic Semiconductors

Part # CHZ015A-QEG
Description  15W L-Band Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHZ015A-QEG Datasheet(HTML) 6 Page - United Monolithic Semiconductors

Back Button CHZ015A-QEG Datasheet HTML 2Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 3Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 4Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 5Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 6Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 7Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 8Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 9Page - United Monolithic Semiconductors CHZ015A-QEG Datasheet HTML 10Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CHZ015A-QEG
15W L-Band Driver
Ref. : DSCHZ015A-QEG3354 - 20 Dec 13
6/14
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Typical Performance on Evaluation Board (ref 61501358)
Calibration and measurements are done on the connector access planes of the evaluation
boards.
Tamb.= +25°C, pulsed mode (1), VDS=45V, ID_Q=100mA
Pout, PAE, Gain & Id @ 1.3GHz
Pout, PAE & Gain @ Pin=28dBm
(1) Input RF and gate voltage are pulsed. Conditions are 25µs width, 10% duty cycle and 1µs
offset between DC and RF pulse.


Similar Part No. - CHZ015A-QEG

ManufacturerPart #DatasheetDescription
logo
United Monolithic Semic...
CHZ050A-SEA UMS-CHZ050A-SEA Datasheet
696Kb / 12P
   50W C Band HPA
CHZ050A-SEA UMS-CHZ050A-SEA_15 Datasheet
696Kb / 12P
   50W C Band HPA
More results

Similar Description - CHZ015A-QEG

ManufacturerPart #DatasheetDescription
logo
NEC
UPG175TA NEC-UPG175TA Datasheet
62Kb / 8P
   L-Band PA DRIVER AMPLIFIER
UPG2106TB NEC-UPG2106TB Datasheet
87Kb / 12P
   L-BAND PA DRIVER AMPLIFIER
UPG174TA NEC-UPG174TA Datasheet
66Kb / 6P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2106TB CEL-UPG2106TB Datasheet
155Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NEC
UPG2134TB NEC-UPG2134TB Datasheet
58Kb / 9P
   L-BAND PA DRIVER AMPLIFIER
UPG173TA NEC-UPG173TA Datasheet
86Kb / 8P
   L-BAND PA DRIVER AMPLIFIER
logo
California Eastern Labs
UPG2110TB CEL-UPG2110TB Datasheet
149Kb / 3P
   L-BAND PA DRIVER AMPLIFIER
logo
NXP Semiconductors
BLL1214-35 PHILIPS-BLL1214-35 Datasheet
64Kb / 8P
   L-band radar LDMOS driver transistor
2002 Sep 27
logo
NEC
UPG173TA NEC-UPG173TA_00 Datasheet
22Kb / 2P
   GaAs INTEGRATED CIRCUIT L-BAND PA DRIVER AMPLIFIER
logo
United Monolithic Semic...
CHA8610-99F UMS-CHA8610-99F Datasheet
457Kb / 18P
   15W X Band High Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com