Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF0112A Datasheet(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TF0112A
Description  SAW Duplexer 718/773 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TF0112A Datasheet(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Back Button TF0112A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 10Page - TAI-SAW TECHNOLOGY CO., LTD. TF0112A Datasheet HTML 11Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
VSWR (Rx Port)
Smith Chart (Rx Port)


Similar Part No. - TF0112A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0112A TAI-SAW-TF0112A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
More results

Similar Description - TF0112A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TF0113A TAI-SAW-TF0113A Datasheet
436Kb / 12P
   SAW Duplexer 733/788 MHz Band 28 SMD 2.0X1.6 mm (BW=30 MHz)
TA2475A TAI-SAW-TA2475A Datasheet
448Kb / 8P
   SAW Filter 773 MHz Band 28 Rx SMD 1.4x1.1 mm (30MHz BW)
TA2412A TAI-SAW-TA2412A Datasheet
794Kb / 8P
   SAW Tx Filter 718 MHz Band 28 SMD 1.4x1.1 mm (30MHz BW)
TA1898D TAI-SAW-TA1898D Datasheet
476Kb / 8P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1898C TAI-SAW-TA1898C Datasheet
426Kb / 9P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA1898B TAI-SAW-TA1898B Datasheet
476Kb / 8P
   SAW Rx Filter 788 MHz LTE Band 28 SMD 1.1x0.9 mm (BW=30 MHz)
TA2598A TAI-SAW-TA2598A Datasheet
763Kb / 8P
   SAW Filter 1227.6 MHz BW 20 MHz SMD 2.0x1.6 mm
TA2042B TAI-SAW-TA2042B Datasheet
940Kb / 10P
   SAW Filter 847 MHz Band 20 SMD 1.1X0.9 mm (BW=30 MHz)
TA2042A TAI-SAW-TA2042A Datasheet
508Kb / 9P
   SAW Filter 847 MHz SMD 1.1X0.9 mm (BW=30 MHz)
TA2041B TAI-SAW-TA2041B Datasheet
487Kb / 9P
   SAW Filter 806 MHz SMD 1.1X0.9 mm (BW=30 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com