Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGA4042 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TGA4042
Description  Q-Band Driver Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGA4042 Datasheet(HTML) 6 Page - TriQuint Semiconductor

Back Button TGA4042 Datasheet HTML 2Page - TriQuint Semiconductor TGA4042 Datasheet HTML 3Page - TriQuint Semiconductor TGA4042 Datasheet HTML 4Page - TriQuint Semiconductor TGA4042 Datasheet HTML 5Page - TriQuint Semiconductor TGA4042 Datasheet HTML 6Page - TriQuint Semiconductor TGA4042 Datasheet HTML 7Page - TriQuint Semiconductor TGA4042 Datasheet HTML 8Page - TriQuint Semiconductor TGA4042 Datasheet HTML 9Page - TriQuint Semiconductor TGA4042 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TriQuint Semiconductor Texas: Phone (972)994-8465 Fax (972)994-8504 Email: Info-mmw@tqs.com Web: www.triquint.com
Product Data Sheet
August 5, 2008
6
13.0
13.5
14.0
14.5
15.0
15.5
16.0
16.5
42.00
42.25
42.50
42.75
43.00
Frequency (GHz)
Preliminary Measured Data
Bias Conditions: Vd = 6 V, Id = 168 mA
+25 0C
0 0C
+75 0C
TGA4042


Similar Part No. - TGA4042

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
TGA4042 TRIQUINT-TGA4042_15 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
More results

Similar Description - TGA4042

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGA4042-EPU TRIQUINT-TGA4042-EPU Datasheet
321Kb / 10P
   Q-Band Driver Amplifier
TGA4042 TRIQUINT-TGA4042_15 Datasheet
407Kb / 10P
   Q-Band Driver Amplifier
logo
Mitsubishi Electric Sem...
MGFC5216 MITSUBISHI-MGFC5216 Datasheet
31Kb / 4P
   Q-Band 4-Stage Driver Amplifier
logo
TriQuint Semiconductor
TGA4043 TRIQUINT-TGA4043_15 Datasheet
366Kb / 8P
   Q Band Power Amplifier
TGA4043 TRIQUINT-TGA4043 Datasheet
152Kb / 7P
   Q-band Power Amplifier
TGA4512-SM TRIQUINT-TGA4512-SM_15 Datasheet
670Kb / 13P
   Ka-Band Driver Amplifier
logo
United Monolithic Semic...
CHA5012 UMS-CHA5012 Datasheet
715Kb / 8P
   X Band Driver Amplifier
CHA5010B UMS-CHA5010B Datasheet
54Kb / 4P
   X Band Driver Amplifier
CHA5012 UMS-CHA5012_15 Datasheet
526Kb / 10P
   X Band Driver Amplifier
logo
Qorvo, Inc
TGA2700 QORVO-TGA2700 Datasheet
467Kb / 16P
   X ??Band Driver Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com