Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MJWI20 Datasheet(PDF) 5 Page - Total Power International

Part # MJWI20
Description  Smallest Encapsulated 20W Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

MJWI20 Datasheet(HTML) 5 Page - Total Power International

  MJWI20 Datasheet HTML 1Page - Total Power International MJWI20 Datasheet HTML 2Page - Total Power International MJWI20 Datasheet HTML 3Page - Total Power International MJWI20 Datasheet HTML 4Page - Total Power International MJWI20 Datasheet HTML 5Page - Total Power International MJWI20 Datasheet HTML 6Page - Total Power International MJWI20 Datasheet HTML 7Page - Total Power International MJWI20 Datasheet HTML 8Page - Total Power International MJWI20 Datasheet HTML 9Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MJWI20 SERIES
DC/DC CONVERTER 20W, Highest Power Density
Efficiency Curve @25
MJWI20-24S033 Efficiency vs Load Current
MJWI20-24S05 Efficiency vs Load Current
MJWI20-24S12 Efficiency vs Load Current
MJWI20-24S15 Efficiency vs Load Current
MJWI20-24D12 Efficiency vs Load Current
MJWI20-24D15 Efficiency vs Load Current
MJWI20-48S033 Efficiency vs Load Current
MJWI20-48S05 Efficiency vs Load Current
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
9V
24V
36V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
% of Full Load
18V
48V
75V
Total Power In
Total Power International, Inc
Toll Free: 877-646-0900
www.total-power.com
Tota
Total Power International, Inc.


Similar Part No. - MJWI20

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MJWI20 MINMAX-MJWI20 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MJWI20-24D12 MINMAX-MJWI20-24D12 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MJWI20-24D15 MINMAX-MJWI20-24D15 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MJWI20-24S033 MINMAX-MJWI20-24S033 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
MJWI20-24S05 MINMAX-MJWI20-24S05 Datasheet
420Kb / 9P
   DC/DC CONVERTER 20W, Highest Power Density
More results

Similar Description - MJWI20

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKWI50 TOTAL-POWER-MKWI50 Datasheet
526Kb / 8P
   Smallest encapsulated 50W Converter
MKW40 TOTAL-POWER-MKW40 Datasheet
595Kb / 9P
   Smallest Encapsulated 40W Converter
MKW50 TOTAL-POWER-MKW50 Datasheet
593Kb / 9P
   Smallest Encapsulated 50W Converter
MKWI40 TOTAL-POWER-MKWI40 Datasheet
564Kb / 8P
   Smallest Encapsulated 40W Converter
logo
Minmax Technology Co., ...
MKWI50 MINMAX-MKWI50 Datasheet
379Kb / 8P
   DC/DC CONVERTER 50W Highest Power Density Smallest encapsulated 50W Converter
logo
Mean Well Enterprises C...
MPM-20 MEANWELL-MPM-20 Datasheet
544Kb / 4P
   20W High Reliable Green Medical Encapsulated Type
logo
MORNSUN Science& Techno...
LHE20-20A12 MORNSUN-LHE20-20A12 Datasheet
1Mb / 6P
   20W, AC-DC converter
LD20-26B03 MORNSUN-LD20-26B03 Datasheet
1Mb / 6P
   20W, AC/DC converter
LHE20-20B03 MORNSUN-LHE20-20B03 Datasheet
1Mb / 5P
   20W, AC-DC converter
LDE20-20B03 MORNSUN-LDE20-20B03 Datasheet
1Mb / 6P
   20W, AC-DC converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com