Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPAC301 Datasheet(PDF) 2 Page - Total Power International

Part # TPAC301
Description  INTERNAL OR-ING DIODES FOR N1 REDUNDANCY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPAC301 Datasheet(HTML) 2 Page - Total Power International

  TPAC301 Datasheet HTML 1Page - Total Power International TPAC301 Datasheet HTML 2Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTPUT VOLTAGE / CURRENT RATINGS CHART
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: 666.0 g (23.5 Oz.)
QUAD OUTPUT
MAIN +VO1 @★#≡⊙
AUX. +VO2 ▲@★#≡⊙
AUX. +VO3 ▲≡#⊙★@
AUX. –VO4 ⊙★▲
MODEL NO.
Min. Typ. Volt. Max. Pk. Min. Typ Volt. Max Pk. Min. Typ Volt. Max. Pk. Min. Typ. Volt. Max. Pk.
TPAC301P-490(E) 0A 25A +5V 40A 45A 0A 25A +3.3V 40A 45A 0A 7A +12V 10A 12A 0A 1A -12V 2A 2A
Symbol: "★" OVP built-in. "@" Adjustable. "#" Remote sensing. "≡" 3rd-wire Load Sharing. "=" Droop Current Sharing.
"⊙" Installed with Or-ing diode. "▲" Magnetic Amplifier. "※" Synchronous Rectifier.
Remark: Peak load less than 60sec. with duty cycle <10%.
Max. load is the continuous operating load of each rail. But the max. load of each rail can't be drawn from all outputs at the same time.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENT
AC
INPUT
QUAD OUTPUT
STATUS/CONTROL
ASSIGNMENT
L
N
G
VO1 S+ S- Adj. C.S.
VO2
S+ Adj. C.S. VO3 S+ C.S VO4 DC COM EN# DEG# INH# FAL#
CNTR &PIN #
47 46 45
1,2,
3,4
30 34 29
35
13,14,
15,16,
17,18
33
32
41
20
36
44
21
5,6,7,8,9,
10,11,12,
19,22,24
27
38
39
42
Mating connector: PCIH47F400A1.
Total Power International, Inc.
Total Power International, Inc. Toll Free: 877-646-0900(US) PH# 978-453-7272 www.total-power.com


Similar Part No. - TPAC301

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPAC301P TOTAL-POWER-TPAC301P Datasheet
505Kb / 2P
   300W 3U X 8HP EUROCARD PACKAGE
More results

Similar Description - TPAC301

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
MPLUS30K FSP-MPLUS30K Datasheet
326Kb / 1P
   N1 or NR Parallel Redundancy for power guarantee
MPLUS60K FSP-MPLUS60K Datasheet
327Kb / 1P
   N1 or NR Parallel Redundancy for power guarantee
MPLUS180K FSP-MPLUS180K Datasheet
327Kb / 1P
   N1 or NR Parallel Redundancy for power guarantee
MPLUS90K FSP-MPLUS90K Datasheet
327Kb / 1P
   N1 or NR Parallel Redundancy for power guarantee
MPLUS210K FSP-MPLUS210K Datasheet
326Kb / 1P
   N1 or NR Parallel Redundancy for power guarantee
logo
Vishay Siliconix
VS-19TQ015PBF VISHAY-VS-19TQ015PBF Datasheet
163Kb / 7P
   Optimized for OR-ing applications
Revision: 25-Aug-11
VS-20L15TPBF VISHAY-VS-20L15TPBF Datasheet
159Kb / 7P
   Optimized for OR-ing applications
Revision: 26-Aug-11
logo
NXP Semiconductors
PIP401 PHILIPS-PIP401 Datasheet
272Kb / 16P
   OR-ing Intelligent Switch
Rev. 03-5 November 2002
logo
Diodes Incorporated
ZXGD3112N7 DIODES-ZXGD3112N7 Datasheet
465Kb / 14P
   ACTIVE OR-ING MOSFET CONTROLLER
logo
IXYS Corporation
DSS2X200-0008D IXYS-DSS2X200-0008D Datasheet
165Kb / 1P
   OR-ing Power Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com