Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TA1964A Datasheet(PDF) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA1964A
Description  Your Best Partner For Frequency Devices
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1964A Datasheet(HTML) 5 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1964A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1964A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Exactitude•Innovation•Excellence
Load Capacitance
(pF)
Tolerance
(ppm)
Size
(mm)
P/N
Frequency
(MHz)
Crystal
TZ2516A
TZ2095A
TZ2061A
TZ1917B
TZ2594A
TZ2059A
TZ0384C
TZ2234A
TZ1430A
TZ0757B
TZ1880D
TZ2155B
TZ2754A
TZ2845A
TZ3108A
TZ2490A
TZ1958A
TZ2998A
TZ2997A
TZ3003A
TZ3020A
TZ2189C
TZ2277B
TZ3072A
TZ1203B
TZ3023A
11.998618
11.998618
11.998618
12.8
13.56
13.573256
16
16
30
30
32
32
32.768 KHz
32.768 KHz
32.768 KHz
25.228125
32
20
37.4
37.4
20
24.305
24.305
25.228125
24
24
15
15
15
10
15
15
20
20
10
10
10
10
10
20
20
10
10
7
7
7
7
7
7
6
10
7
±14
±14
±14
±20
±16
±16
±18
±18
±10
±10
±10
±10
±12.5
±12.5
±12.5
±6
±10
±20
±20
±20
±20
±10
±10
±10
±10
±10
HC49-SMD
HC49-SMD
5.0x3.2
3.2x2.5
HC49-SMD
5.0x3.2
3.2x2.5
HC49-US
2.5x2.0
3.2x2.5
3.2x2.5
2.0x1.6
3.2x1.5
2.0x1.2
1.6x1.0
2.0x1.6
HC49-US
2.5x2.0
2.5x2.0
1.6x1.2
2.0x1.6
3.2x2.5
2.5x2.0
1.6x1.2
3.2x2.5
1.6x1.2
APPLICATION : IoT | Smart Metering | Alarm & Security | Medical
*AEC-Q200
*AEC-Q200
*AEC-Q200
Insertion Loss
(dB)
Band Width
(MHz)
2.3
2.9
2.4
2.2
2.5
2.1
1.9
2.3
1.9
2
2
2.8
3
1.9
1.6
1.5
2.5
7
1.5
1
26
26
83.5
55
2
26
26
6
90
1.5
1.06
1.6
0.6
5.8
3.0x3.0
3.0x3.0
3.0x3.0
3.0x3.0
1.4x1.1
3.0x3.0
3.0x3.0
3.0x3.0
1.4x1.1
2.0x1.6
5.0X5.0
3.0x3.0
3.0x3.0
3.0x3.0
3.0x3.0
3.0x3.0
1.4x1.1
Size
(mm)
P/N
Frequency
(MHz)
SAW Filter
TA0801A
TA0659A
TA1457A
TA0281A
TA1294A
TA0223A
TA0222A
TA1404A
TA1423A
TA1102A
TA0437A
TA0581B
TA1900A
TA1778A
TA0944A
TA0657A
TA1766A
866
868.3
869.6
915
915
2441.8
2442
869
915
915
169
2345
868.3
314.45
433.92
315
925.2


Similar Part No. - TA1964A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1964B TAI-SAW-TA1964B Datasheet
502Kb / 10P
   SAW Filter 2605 MHz
TA1964C TAI-SAW-TA1964C Datasheet
714Kb / 8P
   SAW Filter 2605 MHz
TA1964CN1324 TAI-SAW-TA1964CN1324 Datasheet
806Kb / 8P
   SAW Filter 2605 MHz Band 41 SMD 1.4x1.1mm (BW=100 MHz)
More results

Similar Description - TA1964A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-6609 FAIRCHILD-AN-6609 Datasheet
17Mb / 53P
   Selecting the Best JFET for Your Application
logo
List of Unclassifed Man...
10000200 ETC2-10000200 Datasheet
2Mb / 164P
   Let RoseBopla be your partner for standard or customized enclosures.
logo
Black Box Registered Tr...
ES-701 BLACKBOX-ES-701 Datasheet
1Mb / 4P
   CONNECT, CONFIGURE, CONTROL YOUR SERIAL DEVICES
logo
ABB
ACS150 ABB-ACS150 Datasheet
13Mb / 16P
   G et the best out of your basic applications. ACS150 drives.
logo
First Silicon Co., Ltd
PE24B-0603 FS-PE24B-0603 Datasheet
1Mb / 4P
   The best ESD protection for high frequency, low voltage applications
logo
TEMEX
RPT5032A TEMEX-RPT5032A Datasheet
510Kb / 2P
   Best in class frequency versus temperature
RPT5032J TEMEX-RPT5032J Datasheet
553Kb / 2P
   Best in class frequency versus temperature
RPT7050J TEMEX-RPT7050J Datasheet
326Kb / 2P
   Best in class frequency versus temperature
logo
Roithner LaserTechnik G...
LFO-18 ROITHNER-LFO-18 Datasheet
125Kb / 1P
   best source for digital
logo
Cooper Bussmann, Inc.
41206ESDA-TR1 COOPER-41206ESDA-TR1 Datasheet
93Kb / 4P
   The best ESD protection for high frequency, low voltage applications
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com