Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS35A-11 Datasheet(PDF) 2 Page - Total Power International

Part # TPS35A-11
Description  Optional output cable and plug
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

TPS35A-11 Datasheet(HTML) 2 Page - Total Power International

  TPS35A-11 Datasheet HTML 1Page - Total Power International TPS35A-11 Datasheet HTML 2Page - Total Power International TPS35A-11 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TPS35A
SWITCHING MODE 25W/35W ADAPTERS
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
SINGLE OUTPUT MODEL SELECTION CHART
TPS35A-10
+5V
Fixed
6A
8A
0A
±
5%
±
1%
40W Typical
TPS35A-11
+12V
Fixed
2.94A
3.3A
0A
±
5%
±
1%
40W Typical
TPS35A-12
+15V
Fixed
2.33A
2.6A
0A
±
5%
±
1%
40W Typical
TPS35A-13
+24V
Fixed
1.45A
1.6A
0A
±
5%
±
1%
40W Typical
TPS35A-14
+48V
Fixed
0.73A
0.8A
0A
±
5%
±
1%
40W Typical
TPS35A-15
+36V
Fixed
0.98A
1.1A
0A
±
5%
±
1%
40W Typical
TPS35A-17
+9V
Fixed
3.85A
4.4A
0A
±
5%
±
1%
40W Typical
TPS35A-18
+3.3V
Fixed
6A
10A
0A
±
5%
±
1.5%
35W Typical
DUAL OUTPUT MODEL SELECTION CHART
+5 V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
TPS35A-20Y
+12V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
40W Typical
+5 V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
TPS35A-21Y
+15V
Fixed
0.8A
1.1A
0.08A
±
5%
±
1%
40W Typical
+5 V
Fixed
5A
6.5A
0.5A
±
5%
±
1%
TPS35A-22Y
- 5V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
40W Typical
+12V
Fixed
1.2A
1.5A
0.12A
±
5%
±
1%
TPS35A-23Y
- 12V
Fixed
1.2A
1.5A
0.12A
±
10%
±
1%
40W Typical
+15V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
TPS35A-24Y
- 15V
Fixed
1A
1.3A
0.1A
±
10%
±
1%
40W Typical
+5V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
TPS35A-25Y
+24V
Fixed
0.5A
0.65A
0.05A
±
5%
±
1%
40W Typical
+3.3V
Fixed
4.5A
5.85A
0.45A
±
5%
±
1.5%
TPS35A-26Y
+12V
Fixed
1A
1.3A
0.1A
±
5%
±
1%
35W Typical
+3.3 V
Fixed
4.5A
5.85A
0.45A
±
5%
±
1.5%
TPS35A-27Y
+24V
Fixed
0.5A
0.65A
0.05A
±
5%
±
1%
35W Typical
+3.3 V
Fixed
4.5A
5.85A
0.45A
±
5%
±
1.5%
TPS35A-28Y
+5V
Fixed
2.4A
3.12A
0.24A
±
5%
±
1%
35W Typical
TRIPLE OUTPUT MODEL SELECTI`ON CHART
+ 5V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
+12V
Fixed
0.83A
1.08A
0.08A
±
5%
±
1%
TPS35A-30Y
- 5 V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
40W Typical
+ 5V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
+12V
Fixed
0.5A
0.65A
0.05A
±
5%
±
1%
TPS35A-31Y
-12V
Fixed
0.5A
0.65A
0.05A
±
10%
±
1%
40W Typical
+ 5V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
+15V
Fixed
0.4A
0.52A
0.04A
±
5%
±
1%
TPS35A-32Y
-15V
Fixed
0.4A
0.52A
0.04A
±
10%
±
1%
40W Typical
+ 5V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
+15V
Fixed
0.6A
0.78A
0.06A
±
5%
±
1%
TPS35A-33Y
- 5 V
Fixed
0.6A
0.78A
0.06A
±
10%
±
1%
40W Typical
+ 5V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
+15V
Fixed
0.4A
0.52A
0.04A
±
5%
±
1%
TPS35A-34Y
-12V
Fixed
0.5A
0.65A
0.05A
±
10%
±
1%
40W Typical
+ 5 V
Fixed
3.6A
4.7A
0.36A
±
5%
±
1%
+24V
Fixed
0.25A
0.33A
0.02A
±
5%
±
1%
TPS35A-35Y
-12V
Fixed
0.5A
0.65A
0.05A
±
10%
±
1%
40W Typical
+ 5V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
+12V
Fixed
1.17A
1.52A
0.12A
±
5%
±
1%
TPS35A-36Y
- 12V
Fixed
0.5A
0.65A
0.05A
±
10%
±
1%
40W Typical
+ 5V
Fixed
2A
2.6A
0.2A
±
5%
±
1%
+12V
Fixed
1.17A
1.52A
0.12A
±
5%
±
1%
TPS35A-37Y
+24 V
Fixed
0.25A
0.33A
0.02A
±
10%
±
1%
40W Typical
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-2-
TOTAL POWER


Similar Part No. - TPS35A-11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS35AA17AGADDFR TI-TPS35AA17AGADDFR Datasheet
1Mb / 46P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35AA17AGADDFR TI1-TPS35AA17AGADDFR Datasheet
2Mb / 47P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
JUNE 2023
TPS35AA17AGADDFR TI1-TPS35AA17AGADDFR Datasheet
1Mb / 44P
[Old version datasheet]   TPS35 Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
DECEMBER 2023
TPS35AA38AGADDFRQ1 TI-TPS35AA38AGADDFRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
TPS35AA38AGADDFRQ1 TI1-TPS35AA38AGADDFRQ1 Datasheet
1Mb / 39P
[Old version datasheet]   TPS35-Q1 Automotive Nano IQ Precision Voltage Supervisor with Precision Timeout Watchdog Timer
REVISED JUNE 2023
More results

Similar Description - TPS35A-11

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PGR-3200 LITTELFUSE-PGR-3200 Datasheet
498Kb / 1P
   Analog output and optional meter
logo
SICK AG
DOL-1205-G02MC SICK-DOL-1205-G02MC Datasheet
264Kb / 4P
   Plug connectors and cable
DSL-1285-G0M1C SICK-DSL-1285-G0M1C Datasheet
267Kb / 4P
   Plug connectors and cable
STE-7805-GK SICK-STE-7805-GK Datasheet
348Kb / 4P
   Plug connectors and cable
logo
TRACO Electronic AG
TPP450-AUX1 TRACOPOWER-TPP450-AUX1 Datasheet
224Kb / 1P
   Optional cable for auxilary output connection of TPP 450
Rev. June 28, 2021
TPP450-AUX2 TRACOPOWER-TPP450-AUX2 Datasheet
95Kb / 1P
   Optional cable for auxilary output connection of TPP 450
Rev. Febrary 26, 2019
logo
Kycon, Inc.
KMDLAX KYCON-KMDLAX Datasheet
353Kb / 1P
   Snap and Lock Cable Mount Plug
logo
MolexKits
76650-0194 MOLEXKITS-76650-0194 Datasheet
38Kb / 2P
   I/O Plug, Receptacle and Cable
76650-0149 MOLEXKITS-76650-0149 Datasheet
39Kb / 3P
   Sealed Bayonet-Style Plug Receptacle and Cable
logo
List of Unclassifed Man...
400-5053 ETC2-400-5053 Datasheet
117Kb / 2P
   Case and Optional Covers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com