Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPS25A-39 Datasheet(PDF) 3 Page - Total Power International

Part # PPS25A-39
Description  Optional constant current charger
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International

PPS25A-39 Datasheet(HTML) 3 Page - Total Power International

  PPS25A-39 Datasheet HTML 1Page - Total Power International PPS25A-39 Datasheet HTML 2Page - Total Power International PPS25A-39 Datasheet HTML 3Page - Total Power International  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TPS25A
SWITCHING MODE 25W ADAPTERS
MODEL
OUTPUT
VOLTAGE
ADJUSTMENT
RANGE
MAXIMUM OUTPUT
CURRENT
PEAK OUTPUT
CURRENT(NOTE1)
MINIMUM OUTPUT
CURRENT
TOTAL
REGULATION(NOTE3)
RIPPLE & NOISE
%P-P(NOTE2)
PEAK OUTPUT
POWER(NOTE1)
TRIPLE OUTPUT MODEL SELECTION CHART
+ 5V
Fixed
2A
2.8A
0.2A
±
5%
±
1%
+12V
Fixed
1A
1.4A
0.1A
±
5%
±
1%
PPS25A-38
+48V
Fixed
0.1A
0.1A
0.01A
±
10%
±
1%
35W Typical
+3.3V
Fixed
1.5A
2.1A
0.15A
±
5%
±
1.5%
+ 5V
Fixed
2A
2.8A
0.2A
±
5%
±
1%
PPS25A-39
+12V
Fixed
1A
1.4A
0.1A
±
10%
±
1%
30W Typical
NOTES: 1) Peak loads for lasting <30 seconds with a maximum 10% duty cycle are acceptable. Please contact us if need special peak load.
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth, 0.1μF and 47μF Cap. on outputs.
3) Loading test conditions are set for all outputs at minimum, middle and maximum of loads. Special cross loading requirement is welcomed.
4) Detailed engineering specification of each model is available for inquiry.
5) Special output voltage/current inquiry is welcomed.
6) Specifications subject to change without notice.
7) 25% derated if 24 VDC input version; 50% derated if 12 VDC input version.
8) Above data is measured at the output plug/connector of 1M long cable. Please contact us if need special cable and connector.
TOTAL POWER INT'L Tel: 877-646-0900 Fax: 978-453-7395
Email: sales@total-power.com http://www.total-power.com
-3-
TOTAL POWER


Similar Part No. - PPS25A-39

ManufacturerPart #DatasheetDescription
logo
Power-One
PPS25 POWER-ONE-PPS25 Datasheet
293Kb / 4P
   Cabinet System
PPS25.24 POWER-ONE-PPS25.24 Datasheet
293Kb / 4P
   Cabinet System
PPS25.48 POWER-ONE-PPS25.48 Datasheet
293Kb / 4P
   Cabinet System
More results

Similar Description - PPS25A-39

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
   Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
   Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
   SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1511 LINER-LT1511 Datasheet
145Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
LT1769 LINER-LT1769_15 Datasheet
242Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Integrated Syste...
LT1769CFE LINEAR-LT1769CFE Datasheet
219Kb / 16P
   Constant-Current/ Constant-Voltage 2A Battery Charger with Input Current Limiting
logo
Linear Technology
LT1511 LINER-LT1511_15 Datasheet
150Kb / 16P
   Constant-Current/ Constant-Voltage 3A Battery Charger with Input Current Limiting
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com