Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMR325B7106MM-P Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # TMR325B7106MM-P
Description  High Reliability (Automotive) Application Multilayer Ceramic Capacitors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

TMR325B7106MM-P Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  TMR325B7106MM-P Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc TMR325B7106MM-P Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
PrintPDF
High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMR325B7106MM-P
Features
Item Summary
10uF±20%, 25V,
X7R, 1210/3225 (EIA/JIS)
Lifecycle Stage
Mass Production
AEC-Q200 qualified
Standard packaging quantity (minimum)
Taping Embossed 1000pcs
Products characteristics table
Capacitance
10 uF ± 20 %
Case Size (EIA/JIS)
1210/3225
Rated Voltage
25 V
tanδ (max)
5 %
Temperature Characteristic (EIA)
X7R
Operating Temp. Range (EIA)
-55 to +125 ℃
High Temperature Loading
200 %
(% Rated Voltage)
Insulation Resistance (min)
500 MΩ·μF
RoHS2 Compliance (10 subst.)
Yes
REACH Compliance (168 subst.)
Yes
Soldering
Reflow
External Dimensions
Dimension L
3.2 ±0.30 mm
Dimension W
2.5 ±0.20 mm
Dimension T
2.5 ±0.20 mm
Dimension e
0.60 ±0.30 mm
2016.11.16
1 / 1


Similar Part No. - TMR325B7106MM-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMR325B7106MM-T TAIYO-YUDEN-TMR325B7106MM-T Datasheet
286Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic
More results

Similar Description - TMR325B7106MM-P

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
TMF212B7104KGHT TAIYO-YUDEN-TMF212B7104KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF212B7224KGHT TAIYO-YUDEN-UMF212B7224KGHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
UMF316B7105MLHT TAIYO-YUDEN-UMF316B7105MLHT Datasheet
402Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
EMF316AB7106MLHT TAIYO-YUDEN-EMF316AB7106MLHT Datasheet
419Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
EMF325B7224MNHT TAIYO-YUDEN-EMF325B7224MNHT Datasheet
417Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
LMF325B7105KNHT TAIYO-YUDEN-LMF325B7105KNHT Datasheet
417Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF105B7472KVHF TAIYO-YUDEN-TMF105B7472KVHF Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF105B7472MVHF TAIYO-YUDEN-TMF105B7472MVHF Datasheet
401Kb / 3P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
LMF107B7105MAHT TAIYO-YUDEN-LMF107B7105MAHT Datasheet
279Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF105B7103KVHF TAIYO-YUDEN-TMF105B7103KVHF Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
TMF107B7104MAHT TAIYO-YUDEN-TMF107B7104MAHT Datasheet
277Kb / 2P
   High Reliability (Automotive) Application Multilayer Ceramic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com