Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI3312-X1 Datasheet(PDF) 7 Page - Vicor Corporation

Part # PI3312-X1
Description  8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

PI3312-X1 Datasheet(HTML) 7 Page - Vicor Corporation

Back Button PI3312-X1 Datasheet HTML 3Page - Vicor Corporation PI3312-X1 Datasheet HTML 4Page - Vicor Corporation PI3312-X1 Datasheet HTML 5Page - Vicor Corporation PI3312-X1 Datasheet HTML 6Page - Vicor Corporation PI3312-X1 Datasheet HTML 7Page - Vicor Corporation PI3312-X1 Datasheet HTML 8Page - Vicor Corporation PI3312-X1 Datasheet HTML 9Page - Vicor Corporation PI3312-X1 Datasheet HTML 10Page - Vicor Corporation PI3312-X1 Datasheet HTML 11Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
vicorpower.com
Rev 1.3
Cool-Power®
800 735.6200
09/2015
Page 7 of 26
PI33XX-X1
PI3311-X1 (1.0 Vout) Electrical Characteristics
Specifications apply for -40 C < TJ < 125 C, Vin =24V, L1=85nH (Note 1) unless other conditions are noted.
Parameter
Symbol
Min
Typ
Max
Units Conditions
Timing
Switching Frequency
fS
500
kHz
Note 6.
Fault Restart Delay
tFR_DLY
30
ms
Sync In (SYNCI)
Synchronization Frequency Range
∆fSYNCI
50
110
%
Relative to set switching
frequency. Note 3.
SYNCI Threshold
VSYNCI
2.5
V
Sync Out (SYNCO)
SYNCO High
VSYNCO_HI
4.5
V
Source 1mA
SYNCO Low
VSYNCO_LO
0.5
V
Sink 1mA
SYNCO Rise Time
tSYNCO_RT
10
ns
20pF load
SYNCO Fall Time
tSYNCO_FT
10
ns
20pF load
Soft Start And Tracking
TRK Active Input Range
VTRK
0
1.04
V
Internal reference
tracking range.
TRK Max Output Voltage
VTRK_MAX
1.2
V
TRK Disable Threshold
VTRK_OV
20
40
60
mV
Charge Current (Soft – Start)
ITRK
-70
-50
-30
µA
Discharge Current (Fault)
ITRK_DIS
6.8
mA
Soft-Start Time
tSS
2.2
ms
CTRK = 0uF
Enable
High Threshold
VEN_HI
0.9
1
1.1
V
Low Threshold
VEN_LO
0.7
0.8
0.9
V
Threshold Hysteresis
VEN_HYS
100
200
300
mV
Enable Pull-Up Voltage
(floating, unfaulted)
VEN_PU
2
V
Enable Pull-Down Voltage
(floating, faulted)
VEN_PD
0
V
Source Current
IEN_SO
-50
µA
Sink Current
IEN_SK
50
µA
Note 1: All parameters reflect regulator and inductor system
performance. Measurements were made using a standard PI33XX
evaluation board with 3x4” dimensions and 4 layer, 2oz copper.
Refer to inductor pairing table within Application Description
section for specific inductor manufacturer and value.
Note 2: Regulator is assured to meet performance specifications
by design, test correlation, characterization, and/or statistical
process control.
Note 3: Output current capability may be limited and other
performance may vary from noted electrical characteristics when
switching frequency or Vout is modified.
Note 4: Refer to Output Ripple plots.
Note 5: Refer to Load Current vs. Ambient Temperature curves.
Note 6: Refer to Switching Frequency vs. Load current curves.
With positive logic
EN polarity
With negative logic
EN polarity
With positive logic
EN polarity
With negative logic
EN polarity


Similar Part No. - PI3312-X1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PI3312-X1-LGIZ ETC2-PI3312-X1-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS B uck Regulator
More results

Similar Description - PI3312-X1

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
PI3318-21-LGIZ VICOR-PI3318-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-01-LGIZ VICOR-PI3311-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-01-LGIZ VICOR-PI3312-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-01-LGIZ VICOR-PI3301-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3301-21-LGIZ VICOR-PI3301-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3318-01-LGIZ VICOR-PI3318-01-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3311-21-LGIZ VICOR-PI3311-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3312-21-LGIZ VICOR-PI3312-21-LGIZ Datasheet
2Mb / 26P
   8V to 36Vin, 15A Cool-Power ZVS Buck Regulator
PI3302-00-BGIZ VICOR-PI3302-00-BGIZ_18 Datasheet
948Kb / 19P
   8V to 36VIN Cool-Power ZVS Buck Regulator
PI33XX-X0 VICOR-PI33XX-X0_18 Datasheet
2Mb / 41P
   8V to 36VIN Cool-Power ZVS Buck Regulator Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com