Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM193H Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM193H
Description  Low Power Low Offset Voltage Dual Comparators
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM193H Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM193H Datasheet HTML 1Page - National Semiconductor (TI) LM193H Datasheet HTML 2Page - National Semiconductor (TI) LM193H Datasheet HTML 3Page - National Semiconductor (TI) LM193H Datasheet HTML 4Page - National Semiconductor (TI) LM193H Datasheet HTML 5Page - National Semiconductor (TI) LM193H Datasheet HTML 6Page - National Semiconductor (TI) LM193H Datasheet HTML 7Page - National Semiconductor (TI) LM193H Datasheet HTML 8Page - National Semiconductor (TI) LM193H Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Absolute Maximum Ratings (Note 10)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage, V
+
36V
Differential Input Voltage (Note 8)
36V
Input Voltage
−0.3V to +36V
Input Current (V
IN<−0.3V) (Note 3)
50 mA
Power Dissipation (Note 1)
Molded DIP
780 mW
Metal Can
660 mW
Small Outline Package
510 mW
micro SMD Pacakge
568mW
Output Short-Circuit to Ground
(Note 2)
Continuous
Operating Temperature Range
LM393
0˚C to +70˚C
LM293
−25˚C to +85˚C
LM193/LM193A
−55˚C to +125˚C
LM2903
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 seconds)
+260˚C
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
260˚C
Small Outline Package
215˚C
Vapor Phase (60 seconds)
Infrared (15 seconds)
220˚C
See AN-450 “Surface Mounting Methods and Their Effect
on Product Reliability” for other methods of soldering
surface mount devices.
ESD rating
(1.5 k
Ω in series with 100 pF)
1300V
Electrical Characteristics
(V
+=5V, T
A = 25˚C, unless otherwise stated)
Parameter
Conditions
LM193A
Units
Min
Typ
Max
Input Offset Voltage
(Note 9)
1.0
2.0
mV
Input Bias Current
I
IN(+) or IIN(−) with Output In Linear
25
100
nA
Range, V
CM = 0V (Note 5)
Input Offset Current
I
IN(+)−IIN(−) VCM = 0V
3.0
25
nA
Input Common Mode
V+ = 30V (Note 6)
0
V
+−1.5
V
Voltage Range
Supply Current
R
L=
V
+=5V
0.4
1
mA
V
+=36V
1
2.5
mA
Voltage Gain
R
L
≥15 kΩ,V+=15V
50
200
V/mV
V
O = 1Vto11V
Large Signal Response
V
IN=TTL Logic Swing, VREF=1.4V
300
ns
Time
V
RL=5V, RL=5.1 k
Response Time
V
RL=5V, RL=5.1 k
Ω (Note 7)
1.3
µs
Output Sink Current
V
IN(−)=1V, VIN(+)=0, VO
≈1.5V
6.0
16
mA
Saturation Voltage
V
IN(−)=1V, VIN(+)=0, ISINK
≤4 mA
250
400
mV
Output Leakage Current
V
IN(−)=0, VIN(+)=1V, VO=5V
0.1
nA
Electrical Characteristics
(V
+=5V, T
A = 25˚C, unless otherwise stated)
Parameter
Conditions
LM193
LM293, LM393
LM2903
Units
Min Typ
Max
Min Typ
Max
Min Typ
Max
Input Offset Voltage
(Note 9)
1.0
5.0
1.0
5.0
2.0
7.0
mV
Input Bias Current
I
IN(+) or IIN(−) with Output In
25
100
25
250
25
250
nA
Linear Range, V
CM = 0V (Note 5)
Input Offset Current
I
IN(+)−IIN(−) VCM = 0V
3.0
25
5.0
50
5.0
50
nA
Input Common Mode
V+ = 30V (Note 6)
0
V+−1.5
0
V+−1.5
0
V+−1.5
V
Voltage Range
www.national.com
3


Similar Part No. - LM193H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193H TI1-LM193H Datasheet
1Mb / 24P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193H TI1-LM193H Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
LM193H** TI1-LM193H* Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193H-MLS TI1-LM193H-MLS Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
LM193H/883 TI1-LM193H/883 Datasheet
447Kb / 17P
[Old version datasheet]   LM193/LM293/LM393/LM2903 Low Power Low Offset Voltage Dual Comparators
More results

Similar Description - LM193H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM193-N TI1-LM193-N_15 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Power, Low-Offset Voltage, Dual Comparators
logo
List of Unclassifed Man...
AZ393 ETC1-AZ393 Datasheet
238Kb / 9P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
National Semiconductor ...
MNLM193A-X NSC-MNLM193A-X Datasheet
172Kb / 12P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
BCD Semiconductor Manuf...
AZ393 BCDSEMI-AZ393_06 Datasheet
238Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
AiT Semiconductor Inc.
AO393V AITSEMI-AO393V Datasheet
778Kb / 10P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
REV1.0
logo
ARTSCHIP ELECTRONICS CO...
LM193 ARTSCHIP-LM193 Datasheet
489Kb / 15P
   Low Power Low Offset Voltage Dual Comparators
logo
Guangdong Kexin Industr...
KM393N KEXIN-KM393N Datasheet
80Kb / 2P
   Low Power Low Offset Voltage Dual Comparators
logo
Diodes Incorporated
AS393 DIODES-AS393 Datasheet
426Kb / 14P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
September 2018 Rev. 3 - 2
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
   LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
KODENSHI_AUK CORP.
KK2903 KODENSHI-KK2903 Datasheet
301Kb / 5P
   Low Power Low Offset Voltage Dual Comparators
logo
Taiwan Semiconductor Co...
TS393 TSC-TS393_09 Datasheet
244Kb / 7P
   Low Power Low Offset Voltage Dual Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com