Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP1703AWL Datasheet(PDF) 3 Page - Anachip Corp

Part # AP1703AWL
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1703AWL Datasheet(HTML) 3 Page - Anachip Corp

  AP1703AWL Datasheet HTML 1Page - Anachip Corp AP1703AWL Datasheet HTML 2Page - Anachip Corp AP1703AWL Datasheet HTML 3Page - Anachip Corp AP1703AWL Datasheet HTML 4Page - Anachip Corp AP1703AWL Datasheet HTML 5Page - Anachip Corp AP1703AWL Datasheet HTML 6Page - Anachip Corp AP1703AWL Datasheet HTML 7Page - Anachip Corp AP1703AWL Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AP1701/2/3/4
3-Pin Microprocessor Reset Circuits
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
3/8
Electrical Characteristics (T
A=25ºC)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VCC
VCC Range
TA = 0
oC to +70oC
1.0
5.5
V
VCC < 5.5V
19
60
µA
ICC
Supply Current
VCC < 3.6V
17
50
µA
AP1701/2/3/4A
4.54
4.63
4.72
AP1701/2/3/4B
4.29
4.38
4.47
AP1701/2/3/4C
3.92
4.00
4.08
AP1701/2/3/4D
3.02
3.08
3.14
AP1701/2/3/4E
2.87
2.93
2.99
Reset Threshold
TA=25ºC
AP1701/2/3/4F
2.57
2.63
2.68
V
VTH
Reset Threshold
Tempco
30
ppm/
oC
VCC to Reset Delay VCC = VTH to (VTH – 100mV)
20
µs
TDELAY Reset Active
Timeout Period
TA = 0
oC to +70oC
100
240
380
ms
VCC = VTH min, ISINK = 1.2mA, AP1701/3
0.3
VCC = VTH min, ISINK = 3.2mA
0.4
VOL
T
RESE Output
Voltage Low
VCC > 1.0V, ISINK = 50uA
0.3
V
VCC > VTH max, ISOURCE = 500uA,
AP1701/3
0.8VCC
VOH
T
RESE
Output
Voltage-High
VCC > VTH max, ISOURCE = 800uA
VCC –1.5
V
VCC = VTH max, ISINK = 1.2mA, AP1702/4
0.3
VOL
RESET Output
Voltage-Low
VCC = VTH max, ISINK = 3.2mA
0.4
V
VOH
RESET Output
Voltage-High
1.8V < VCC < VTH min, ISOURCE = 150uA,
AP1702/4
0.8 VCC
V
Application Circuit
AP170X
GND
RESET
(RESET)
VCC
Microprocessor
VCC
GND
RESET
INPUT
VCC


Similar Part No. - AP1703AWL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP1703AWL-7 DIODES-AP1703AWL-7 Datasheet
516Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
AP1701/2/3/4 Rev. 2
More results

Similar Description - AP1703AWL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM809 NSC-LM809 Datasheet
184Kb / 8P
   3-Pin Microprocessor Reset Circuits
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com