Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP431IQL Datasheet(PDF) 7 Page - Anachip Corp

Part # AP431IQL
Description  Adjustable Precision Shunt Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP431IQL Datasheet(HTML) 7 Page - Anachip Corp

Back Button AP431IQL Datasheet HTML 3Page - Anachip Corp AP431IQL Datasheet HTML 4Page - Anachip Corp AP431IQL Datasheet HTML 5Page - Anachip Corp AP431IQL Datasheet HTML 6Page - Anachip Corp AP431IQL Datasheet HTML 7Page - Anachip Corp AP431IQL Datasheet HTML 8Page - Anachip Corp AP431IQL Datasheet HTML 9Page - Anachip Corp AP431IQL Datasheet HTML 10Page - Anachip Corp AP431IQL Datasheet HTML 11Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Adjustable Precision Shunt Regulator
AP431/AP431A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
7/17
Typical Performance Characteristics(Continued)
+
-
Output
GND
15KΩ
8.25KΩ
9µF
I
KA
232Ω
TEST CIRCUIT FOR VOLTAGE AMPLIFICATION
SMALL-SIGNAL VOLTAGE AMPLIFICATION vs. FREQUENCY
0
10
20
30
40
50
60
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC
+
-
I KA
GND
Output
1KΩ
50Ω
TEST CIRCUIT FOR REFERENCE IMPEDANCE
REFERENCE IMPEDANCE vs. FREQUENCY
0.1
1
10
100
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC


Similar Part No. - AP431IQL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP431I DIODES-AP431I Datasheet
445Kb / 17P
   LOW CATHODE CUREENT ADJUSTABLE PRECISION SHUNT REGULATOR
More results

Similar Description - AP431IQL

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com