Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV257AZ Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # AQV257AZ
Description  HE (High-function Economy) Type [1-Channel (Form A) Type]
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

AQV257AZ Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  AQV257AZ Datasheet HTML 1Page - Nais(Matsushita Electric Works) AQV257AZ Datasheet HTML 2Page - Nais(Matsushita Electric Works) AQV257AZ Datasheet HTML 3Page - Nais(Matsushita Electric Works) AQV257AZ Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AQV25r
162
RATING
1. Absolute maximum ratings (Ambient temperature: 25
°C 77°F)
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
Item
Sym-
bol
Type of
connec-
tion
AQV251(A) AQV252(A) AQV255(A) AQV257(A) AQV253(A) AQV254(A) AQV259(A) AQV258(A) AQV253H(A) AQV254H(A)
Remarks
LED forward current
IF
50 mA
LED reverse voltage
VR
3 V
Peak forward current
IFP
1 A
f = 100 Hz,
Duty factor +0.1%
Power dissipation
Pin
75 mW
Load voltage
(peak AC)
VL
40 V
60 V
100 V
200 V
250 V
400 V
1,000 V
1,500 V
250 V
400 V
Continuous load
current
IL
A
0.5 A
0.4 A
0.35 A
0.25 A
0.2 A
0.15 A
0.03 A
0.02 A
0.2 A
0.15 A
A connection: Peak
AC, DC
B, C connection: DC
B
0.7 A
0.6 A
0.45 A
0.35 A
0.3 A
0.18 A
0.04 A
0.025 A
0.3 A
0.18 A
C
1.0 A
0.8 A
0.70 A
0.5 A
0.4 A
0.25 A
0.05 A
0.04 A
0.4 A
0.25 A
Peak load current
Ipeak
1.8 A
1.5 A
1.0 A
0.75 A
0.6 A
0.5 A
0.09 A
0.06 A
0.6 A
0.5 A
A connection: 100 ms
(1 shot) VL = DC
Power dissipation
Pout
360 mW
Total power dissipation
PT
410 mW
I/O isolation voltage
Viso
1,500 V AC
5,000 V AC
Temperature
limits
Operating
Topr
–40
°C to +85°C –40°F to +185°F
Non-condensing at
low temperatures
Storage
Tstg
–40
°C to +100°C –40°F to +212°F
Item
Sym-
bol
Type of
con-
nection
AQV251(A) AQV252(A) AQV255(A) AQV257(A) AQV253(A) AQV254(A) AQV259(A) AQV258(A) AQV253H(A) AQV254H(A)
Condition
LED operate
current
Typical
IFon
0.9 mA
1.4 mA
IL = Max.
Maximum
3 mA
LED turn off
current
Minimum
IFoff
0.4 mA
IL = Max.
Typical
0.8 mA
1.3 mA
LED dropout
voltage
Typical
VF
1.14 V (1.25 V at IF = 50 mA)
IF = 5 mA
Maximum
1.5 V
On resistance
Typical
Ron
A
0.6
0.74
1.8
2.6
5.5
12.4
85
345
5.5
12.4
Ω IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
1
1.4
2.5
4
8
16
200
500
8
16
Typical
Ron
B
0.3
0.37
0.9
1.4
2.7
6.2
60
345
2.7
6.2
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
0.5
0.7
1.25
2
4
8
100
500
4
8
Typical
Ron
C
0.15
0.18
0.45
0.7
1.4
3.1
30
160
1.4
3.1
IF = 5 mA
IL = Max.
Within 1 s on time
Maximum
0.25
0.35
0.63
1
2
4
50
250
2
4
Off state leak-
age current
Maximum
1
µA
10
µA1 µA
IF = 0
VL = Max.
Switch-
ing
speed
Turn
on
time*
Typical
Ton
1.7 ms
1.4 ms
0.9 ms
1.5 ms
0.8ms
0.8ms
0.6ms
0.35 ms
2.4ms
1.8ms
IF = 5 mA
IL = Max.
Maximum
3 ms
2 ms
3 ms
2 ms
1 ms
4 ms
3 ms
Turn
off
time*
Typical
Toff
0.07 ms
0.09 ms
0.1 ms
0.06 ms
0.05 ms
0.04 ms
0.06 ms
0.05 ms
IF = 5 mA
IL = Max.
Maximum
0.2 ms
I/O capaci-
tance
Typical
Ciso
1.3 pF
f = 1 MHz
VB = 0
Maximum
3 pF
Initial I/O isola-
tion resistance
Minimum
Riso
1,000 M
500 V DC
For type of connection, see Page 31.
Note: Recommendable LED forward current
Standard type: 5 mA
Reinforced type: 5 to 10 mA
*Turn on/Turn off time
Ton
Input
Output
10%
90%
Toff
s For Dimensions, see Page 27.
s For Schematic and Wiring Diagrams, see Page 31.
s For Cautions for Use, see Page 36.


Similar Part No. - AQV257AZ

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AQV257AZ PANASONIC-AQV257AZ Datasheet
88Kb / 4P
   Both low on-resistance and good cost-performance achieved. Measuring instruments
More results

Similar Description - AQV257AZ

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV453 NAIS-AQV453 Datasheet
56Kb / 3P
   HE (High-function Economy) Type 1- Channel (Form B) Type
AQW454 NAIS-AQW454 Datasheet
48Kb / 3P
   HE (High-function Economy) Type [2-Channel (Form B) Type]
AQV101 NAIS-AQV101 Datasheet
60Kb / 5P
   HF (High Function) Type [1-Channel (Form A) Type]
AQY272 NAIS-AQY272 Datasheet
52Kb / 4P
   PD Type 1- channel (Form A) Type
AQV234 NAIS-AQV234 Datasheet
48Kb / 3P
   HS (High Sensitivity) Type [1-Channel (Form A) Type]
logo
Panasonic Semiconductor
AQV252GA PANASONIC-AQV252GA Datasheet
603Kb / 15P
   PhotoMOS HE 1 Form A High Capacity
logo
Nais(Matsushita Electri...
AQY210HL NAIS-AQY210HL Datasheet
41Kb / 3P
   GU (General Use) Type 1-Channel (Form A) Current Limit Function 4-Pin Type
AQV212 NAIS-AQV212 Datasheet
53Kb / 4P
   GU (General Use) Type [1-Channel (Form A) Type]
AQW210HL NAIS-AQW210HL Datasheet
46Kb / 3P
   GU (General Use) Type 2-Channel (Form A) Current Limit Function Type
logo
List of Unclassifed Man...
AQV210E ETC1-AQV210E Datasheet
148Kb / 3P
   GU (General Use)-E Type [1-Channel (Form A) Type]
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com