Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDF163BS3 Datasheet(PDF) 5 Page - Shoulder Electronics Limited.

Part # HDF163BS3
Description  This specification shall cover the characteristics of SAW filter With F163B used for the page system.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOULDER [Shoulder Electronics Limited.]
Direct Link  http://www.shoulder.cn/
Logo SHOULDER - Shoulder Electronics Limited.

HDF163BS3 Datasheet(HTML) 5 Page - Shoulder Electronics Limited.

  HDF163BS3 Datasheet HTML 1Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 2Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 3Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 4Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 5Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 6Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 7Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 8Page - Shoulder Electronics Limited. HDF163BS3 Datasheet HTML 9Page - Shoulder Electronics Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SAW FILTER
HDF163B
S3
www.shoulder.cn
Tel:0755-82916880
Fax:0755-82916881
E-mail:info@shoulder.cn
Page 5 of 9
4. DIMENSION
Marking:HDF115
HD: Brand
F : Filter
115 : No.
5. ENVIRONMENTAL CHARACTERISTICS
5-1 High temperature exposure
Subject the device to +85℃ for 16 hours. Then release the filter into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2-2.
5-2 Low temperature exposure
Subject the device to -40℃ for 16 hours. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall fulfill the specifications in 2-2.
5-3 Temperature cycling
Subject the device to a low temperature of -40℃ for 30 minutes. Following by a high
temperature of +85℃ for 30 Minutes. Then release the device into the room conditions
for 24 hours prior to the measurement. It shall meet the specifications in 2-2.
5-4 Resistance to solder heat
Dip the device terminals no closer than 1.5mm into the solder bath at 260℃ ±10℃ for
10±1 sec. Then release the device into the room conditions for 4 hours. The device shall
meet the specifications in 2-2.
5-5 Solderability
Subject the device terminals into the solder bath at 245℃ ±5℃ for 5s, More than 95%
area of the terminals must be covered with new solder. It shall meet the specifications in
2-2.
5-6 Mechanical shock
Drop the device randomly onto the concrete floor from the height of 1m 3 times. the
device shall fulfill the specifications in 2-2.
1. Ground
2. Input/output
3. Ground
4. Ground
5. Ground
6. Input/output
7. Ground
8. Ground


Similar Part No. - HDF163BS3

ManufacturerPart #DatasheetDescription
logo
Shoulder Electronics Li...
HDF163ANF11 SHOULDER-HDF163ANF11 Datasheet
146Kb / 5P
   This specification shall cover the characteristics of SAW filter With HD163AN used for the page system.
HDF163S3 SHOULDER-HDF163S3 Datasheet
150Kb / 8P
   This specification shall cover the characteristics of SAW filter With F163 used for the page system.
More results

Similar Description - HDF163BS3

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
HDF448A-S4 LUGUANG-HDF448A-S4 Datasheet
189Kb / 6P
   This specification shall cover the characteristics of SAW filter With 448M used for the page system.
logo
Shoulder Electronics Li...
HDBF07015A64 SHOULDER-HDBF07015A64 Datasheet
118Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF07015A64 used for the page system.
HDBF09620A24 SHOULDER-HDBF09620A24 Datasheet
145Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF09620A24 used for the page system.
HDBF14015A64 SHOULDER-HDBF14015A64 Datasheet
122Kb / 6P
   This specification shall cover the characteristics of SAW filter with HDBF14015A63 used for the page system.
HDBF16702A62 SHOULDER-HDBF16702A62 Datasheet
106Kb / 5P
   This specification shall cover the characteristics of SAW filter with HDBF16702A62 used for the page system.
HDF477AS4 SHOULDER-HDF477AS4 Datasheet
157Kb / 8P
   This specification shall cover the characteristics of SAW filter With 477M used for the page system.
HDF480CS4 SHOULDER-HDF480CS4 Datasheet
158Kb / 8P
   This specification shall cover the characteristics of SAW filter With F480CS4 used for the page system.
HDF495AS3 SHOULDER-HDF495AS3 Datasheet
131Kb / 5P
   This specification shall cover the characteristics of SAW filter With F495A used for the page system.
HDF594EF11 SHOULDER-HDF594EF11 Datasheet
139Kb / 6P
   This specification shall cover the characteristics of SAW filter With F594E used for the page system.
HDF3645AS4 SHOULDER-HDF3645AS4 Datasheet
183Kb / 9P
   This specification shall cover the characteristics of SAW filter With HDF364.5A used for the page system.
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com