Electronic Components Datasheet Search |
|
S28A3V3T150BG3 Datasheet(PDF) 6 Page - Vicor Corporation |
|
S28A3V3T150BG3 Datasheet(HTML) 6 Page - Vicor Corporation |
6 / 12 page 28 V Wide Maxi Family Rev 2.8 vicorpower.com Page 6 of 12 02/2016 800 927.9474 28 V Input Parameter Min Typ Max Unit Notes Efficiency 83.5 85.0 % Nominal input; full load; 25°C Ripple and noise 200 250 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP set point 31.5 32.7 33.9 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, stand-by 15.5 18.0 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 7.14 Amps Current limit 7.28 8.2 10.0 Amps Output voltage 95% of nominal Short circuit current 4.99 8.2 10.0 Amps Output voltage <250 mV 28 Vout, 200 W (e.g. V28A28C200BL) Parameter Min Typ Max Unit Notes Efficiency 80.9 82.6 % Nominal input; full load; 25°C Ripple and noise 225 282 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP set point 40.4 41.9 43.4 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, stand-by 14.4 16.8 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 5.56 Amps Current limit 5.67 7.7 8.06 Amps Output voltage 95% of nominal Short circuit current 3.89 6.9 7.5 Amps Output voltage <250 mV 36 Vout, 200 W (e.g. V28A36C200BL) Parameter Min Typ Max Unit Notes Efficiency 81.8 82.6 % Nominal input; full load; 25°C Ripple and noise 360 450 mV p-p; Nominal input; full load; 20 MHz bandwidth Output OVP set point 53.7 55.7 57.7 Volts 25°C; recycle input voltage or PC to restart (>100 ms off) Dissipation, stand-by 15.6 18.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load Current 0 4.17 Amps Current limit 4.25 4.4 5.84 Amps Output voltage 95% of nominal Short circuit current 2.92 4.8 5.43 Amps Output voltage <250 mV 48 Vout, 200 W (e.g. V28A48C200BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) |
Similar Part No. - S28A3V3T150BG3 |
|
Similar Description - S28A3V3T150BG3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |