Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HV9985K6-G Datasheet(PDF) 9 Page - Supertex, Inc

Part # HV9985K6-G
Description  Three-Channel, Closed-Loop, Switch Mode LED Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9985K6-G Datasheet(HTML) 9 Page - Supertex, Inc

Back Button HV9985K6-G Datasheet HTML 5Page - Supertex, Inc HV9985K6-G Datasheet HTML 6Page - Supertex, Inc HV9985K6-G Datasheet HTML 7Page - Supertex, Inc HV9985K6-G Datasheet HTML 8Page - Supertex, Inc HV9985K6-G Datasheet HTML 9Page - Supertex, Inc HV9985K6-G Datasheet HTML 10Page - Supertex, Inc HV9985K6-G Datasheet HTML 11Page - Supertex, Inc HV9985K6-G Datasheet HTML 12Page - Supertex, Inc HV9985K6-G Datasheet HTML 13Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
HV9985
Supertex inc.
www.supertex.com
Doc.# DSFP-HV9985
C051513
Note that disconnecting the LED load during PWM dimming
causes the energy stored in the inductor to be dumped into
the output capacitor. The filter capacitor should be chosen
large enough so that it can absorb the inductor energy with-
out significant change of the voltage across it.
Fault Conditions
The HV9985 is a robust controller which can protect the
LEDs and the LED driver in case of fault conditions. The out-
puts of the HV9985 LED driver are protected from both an
open and a short LED condition. In both cases, the HV9985
shuts down and attempts a restart. The hiccup time can be
programmed by a single external capacitor at the SKIP pin.
During start-up or when a fault condition is detected, both
GATE and FLT outputs are disabled, the COMP and SKIP
pins are pulled to GND. Once the voltage at the SKIP pin falls
below 0.1V, and the fault condition(s) have disappeared, the
capacitor at the SKIP pin is released, and it begins charging
slowly from a 5.0μA current source. Once the capacitor is
charged to 2.0V, the COMP pins are released, and the gate
driver outputs (GATE and FLT) are allowed to turn on. If the
hiccup time is long enough, it will ensure that the compen-
sation networks are all completely discharged and that the
converters start at minimum duty cycle.
The hiccup timing capacitor can be programmed as:
C
RAMP =
5μA • t
HICCUP
2V
Output Short Circuit Protection
When a short circuit condition is detected (output current be-
comes higher than twice the steady state current), the GATE
and FLT outputs are pulled low. As soon as the disconnect
FET is turned off, the output current goes to zero and the
short circuit condition disappears. At this time, the hiccup
timer is started. Once the timing is complete, the converter
attempts to restart. If the fault condition still persists, the
converter shuts down and goes through the cycle again. If
the fault condition is cleared (a momentary output short) the
converter will start regulating the output current normally.
This allows the LED driver to recover from accidental shorts
without the need to reset the IC.
During short circuit conditions, there are two factors that de-
termine the hiccup time.
The first is the time required to discharge the compensation
capacitors. Assuming a pole-zero R-C network at the COMP
pin (series combination of R
Z and CZ in parallel with CC),
t
COMP,n = 3 • RZn • CZn
where n refers to the channel number.
In case the compensation networks are only of Type 1 (sin-
gle capacitor), then:
t
COMP,n = 3 • 300Ω • CZn
Thus, the maximum COMP discharge time required can be
computed as:
t
COMP,MAX = max (tCOMP1, tCOMP2, tCOMP3 )
The second factor is the time required for the inductors to
discharge completely after the short circuit condition has
been cleared. This time can be computed as:
t
IND,n =
π
√ L
n • CON
4
where L and C
O are the input inductor and output capacitor
of each power stage.
Thus, the maximum time required for the inductors to dis-
charge can be computed as:
t
IND,MAX = max (tIND1, tIND2, tIND3 )
The hiccup time is then chosen as:
t
HICCUP > max (tCOMP,MAX, tIND,MAX )
False Triggering of the Short Circuit Comparator During
PWM Dimming
During PWM dimming, the parasitic capacitance of the LED
string causes a spike in the output current when the discon-
nect FET is turned on. If this spike is detected by the short
circuit comparator, it will cause the IC to falsely detect an
over current condition and shut down.
In the HV9985, to prevent these false triggerings, a built-in
500ns blanking network for the short circuit comparator is in-
cluded. This blanking network is activated when the PWMD
input goes high. Thus, the short circuit comparator will not
see the spike in the LED current during the turn-on transi-
tion of the PWM Dimming. Once the blanking time is over,
the short circuit comparator will start monitoring the output
current. Thus, the total delay time for detecting a short circuit
will depend on the condition of the PWMD input.
If the output short circuit exists before the PWM dimming
signal goes high, the total detection time will be:
t
DETECT1 = tBLANK + tDELAY ≈ 900ns(max)


Similar Part No. - HV9985K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9980 SUTEX-HV9980 Datasheet
1Mb / 10P
   3-Channel LED Array Driver IC
HV9980WG-G SUTEX-HV9980WG-G Datasheet
1Mb / 10P
   3-Channel LED Array Driver IC
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
   Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
Supertex, Inc
HV9982K6-G SUTEX-HV9982K6-G Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
More results

Similar Description - HV9985K6-G

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9982 SUTEX-HV9982 Datasheet
884Kb / 13P
   Three-Channel, Closed-Loop, Switch Mode LED Driver IC
logo
Microchip Technology
HV9982 MICROCHIP-HV9982 Datasheet
390Kb / 22P
   Three-Channel, Closed-Loop, Switch Mode LED Drive IC
03/25/14
logo
NXP Semiconductors
UBA3077HN NXP-UBA3077HN Datasheet
205Kb / 25P
   Three-channel switched-mode LED driver
Rev. 1-8 February 2011
logo
Supertex, Inc
HV9963 SUTEX-HV9963 Datasheet
725Kb / 12P
   Closed Loop LED Driver with Enhanced PWM Dimming
logo
Bright Power Semiconduc...
BP3266A BPS-BP3266A Datasheet
245Kb / 2P
   Boost closed-loop thyristor dimming LED driver chip
Rev.1.0
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
   Switch-Mode High-Brightness LED Driver IC
logo
Shenzhen Huazhimei Semi...
HM5182S HMSEMI-HM5182S Datasheet
793Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
HM5182 HMSEMI-HM5182 Datasheet
1,004Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
HM5182H HMSEMI-HM5182H Datasheet
992Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
HM5104BH HMSEMI-HM5104BH Datasheet
979Kb / 7P
   Self-locking switch three-function flashlight LED driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com