Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE02133-T1B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NE02133-T1B
Description  NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NE02133-T1B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NE02133-T1B Datasheet HTML 4Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 5Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 6Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 7Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 8Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 9Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 10Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 11Page - List of Unclassifed Manufacturers NE02133-T1B Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS (TA = 25°C)
100
0.545
-74
32.448
140
0.002
67
0.763
-38
500
0.593
-163
10.200
94
0.020
46
0.270
-80
1000
0.602
173
5.276
75
0.040
49
0.217
-89
1500
0.605
158
3.505
61
0.072
50
0.188
-93
2000
0.616
148
2.718
46
0.108
44
0.161
-110
2500
0.623
135
2.159
39
0.133
48
0.176
-120
3000
0.639
123
1.841
29
0.156
43
0.188
-128
3500
0.644
111
1.549
13
0.180
32
0.210
-135
4000
0.649
102
1.411
6
0.205
32
0.232
-142
0.023
28.395
0.368
19.530
0.664
16.500
0.890
14.393
0.960
12.430
1.075
9.441
1.125
8.030
1.099
6.974
1.069
6.656
100
0.666
-50
23.536
149
0.004
65
0.854
-28
500
0.592
-147
9.285
99
0.033
39
0.363
-72
1000
0.604
-179
4.955
77
0.051
39
0.276
-82
1500
0.595
163
3.288
63
0.073
39
0.240
-87
2000
0.609
152
2.527
46
0.109
36
0.195
-104
2500
0.615
139
2.022
39
0.132
41
0.204
-115
3000
0.632
126
1.726
28
0.152
38
0.212
-125
3500
0.642
114
1.439
12
0.175
27
0.233
-135
4000
0.649
104
1.315
5
0.199
27
0.256
-144
0.634
37.697
0.859
24.493
1.128
17.700
1.172
14.054
1.138
11.397
1.180
9.287
1.168
8.071
1.155
6.763
1.113
6.156
NE02135
VCE = 10 V, IC = 5 mA
FREQUENCY
S11
S21
S12
S22
K
MAG1
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
.84
-36
13.82
156
.02
73
.94
-18
500
.68
-126
7.18
106
.08
35
.51
-53
1000
.66
-163
4.02
81
.09
27
.34
-66
1500
.65
178
2.75
64
.10
27
.31
-74
2000
.65
163
2.10
52
.12
30
.31
-83
2500
.66
151
1.68
39
.13
26
.31
-95
3000
.66
141
1.46
27
.14
26
.33
-106
3500
.67
129
1.24
17
.16
26
.36
-116
4000
.68
121
1.14
5
.17
23
.38
-127
VCE = 10 V, IC = 10 mA
VCE = 10 V, IC = 20 mA
VCE = 10 V, IC = 30 mA
100
.58
-95
35.35
134
.01
59
.72
-40
500
.64
-169
10.11
91
.03
50
.22
-82
1000
.65
173
5.15
74
.06
55
.14
-97
1500
.65
162
3.49
62
.08
63
.14
-103
2000
.66
152
2.63
52
.11
54
.15
-112
2500
.66
141
2.10
39
.13
46
.17
-122
3000
.66
132
1.82
29
.15
42
.19
-129
3500
.67
122
1.54
20
.17
38
.22
-137
4000
.68
115
1.44
9
.20
31
.24
-146
See note on next page.
Coordinates in Ohms
Frequency in GHz
(VCE = 10 V, IC = 20 mA)
0.275
35.484
0.958
25.276
1.016
18.563
1.103
14.446
1.058
12.315
1.095
10.207
1.086
9.052
1.089
7.748
0.970
8.573
1.982
36.428
1.428
23.189
1.445
17.244
1.210
14.212
1.115
11.942
1.142
9.815
1.110
8.698
1.094
7.477
1.060
6.881
NE021 SERIES
j50
j25
j10
0
-j10
-j25
-j50
-j100
j100
0
10
25
50
100
S11
4 GHz
S11
0.1 GHz
S22
4 GHz
S22
0.1 GHz
120˚
90˚
60˚
30˚
150˚
180˚
-150˚
-120˚
-90˚
-60˚
-30˚
24
12
8
0.1 .15 0.2 .25
0.5
S21 30
S12
4 GHz
S21
0.1 GHz
6
S21
4 GHz
S12
0.1 GHz


Similar Part No. - NE02133-T1B

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NE02133-T1B CEL-NE02133-T1B Datasheet
184Kb / 12P
   HIGH INSERTION GAIN: 18.5 dB at 500 MHz
More results

Similar Description - NE02133-T1B

ManufacturerPart #DatasheetDescription
logo
NEC
NE856 NEC-NE856 Datasheet
257Kb / 25P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE66719 CEL-NE66719 Datasheet
105Kb / 8P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE680 NEC-NE680 Datasheet
246Kb / 19P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
NE681 NEC-NE681 Datasheet
218Kb / 20P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
celduc-relais
NE85619-A CELDUC-NE85619-A Datasheet
832Kb / 26P
   NECs NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2021M05 CEL-NESG2021M05 Datasheet
729Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Micro Device...
NESG2021M16 CALMIRCO-NESG2021M16 Datasheet
224Kb / 3P
   NECs NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE687M03 CEL-NE687M03 Datasheet
308Kb / 4P
   NECs NPN SILICON TRANSISTOR
NESG2107M33 CEL-NESG2107M33 Datasheet
302Kb / 4P
   NECs NPN SILICON TRANSISTOR
NE687M13 CEL-NE687M13 Datasheet
195Kb / 8P
   NECs NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com