Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA723T Datasheet(PDF) 3 Page - Harris Corporation

Part # CA723T
Description  Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA Without External Pass Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CA723T Datasheet(HTML) 3 Page - Harris Corporation

  CA723T Datasheet HTML 1Page - Harris Corporation CA723T Datasheet HTML 2Page - Harris Corporation CA723T Datasheet HTML 3Page - Harris Corporation CA723T Datasheet HTML 4Page - Harris Corporation CA723T Datasheet HTML 5Page - Harris Corporation CA723T Datasheet HTML 6Page - Harris Corporation CA723T Datasheet HTML 7Page - Harris Corporation CA723T Datasheet HTML 8Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7-5
CA723, CA723C
FIGURE 1. EQUIVALENT SCHEMATIC DIAGRAM OF THE CA723 AND CA723C
Typical Performance Curves (CA723)
FIGURE 2. MAX LOAD CURRENT vs DIFFERENTIAL INPUT-
OUTPUT VOLTAGE
FIGURE 3. LOAD REGULATION WITHOUT CURRENT LIMIT-
ING
FIGURE 4. LOAD REGULATION WITH CURRENT LIMITING
FIGURE 5. LOAD REGULATION WITH CURRENT LIMITING
V+
UNREGULATED
INPUT
D1
6.2V
R2
15k
R1
500
R3
25k
D3
Q3
Q4
Q5
Q1
Q6
C1
5pF
R7
30k
R8
5k
D2
6.2V
VREF
R6
100
Q10
R9
300
R10
20k
Q9
Q7
R4
1k
R5
1k
Q8
Q14
Q15
Q11 Q12
R11
150
Q13
Q16
R12
15k
D4
VZ
FREQUENCY
COMPENSATION
VO
VC
CURRENT
LIMIT
CURRENT
SENSE
NON-INVERTING
INPUT
V-
INVERTING
INPUT
MAX JUNCTION TEMP (TJ) = +150
oC
THERMAL RESISTANCE = 150oC/W
QUIESCENT DISSIPATION (PQ) = 60mW
(NO HEAT SINK)
150
100
50
0
AMBIENT TEMPERATURE (TA) = +25
oC
+125oC
010
20
30
40
DIFFERENTIAL INPUT - OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
INPUT VOLTAGE (VI) = 12V
0.05
0
-0.05
-0.1
-0.15
-0.2
AMBIENT TEMPERATURE
-55oC
+125oC
0
20
40
60
80
100
OUTPUT CURRENT (mA)
(TA) = +25
oC
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 10Ω
INPUT VOLTAGE (VI) = 12V
-55oC
+125oC
0.05
0
-0.05
-0.1
-0.15
-0.2
-0.25
OUTPUT CURRENT (mA)
0
5
10
15
20
25
30
AMBIENT TEMP (TA) = +25
oC
OUTPUT CURRENT (mA)
OUTPUT VOLTAGE (VO) = 5V
SHORT CIRCUIT PROTECTION
RESISTANCE (RSCP) = 0
INPUT VOLTAGE (VI) = 12V
0.1
0
-0.1
0.2
-0.3
-0.4
0
20
40
60
80
100
AMBIENT TEMPERATURE (TA) = -55
oC
+25oC
+125oC


Similar Part No. - CA723T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
CA723C INTERSIL-CA723C Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
List of Unclassifed Man...
CA723CE ETC2-CA723CE Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Similar Description - CA723T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
CA723 INTERSIL-CA723 Datasheet
93Kb / 9P
   Voltage Regulators Adjustable from 2V to 37V at Output Currents Up to 150mA without External Pass Transistors
April 1999
logo
Harris Corporation
CA3085 HARRIS-CA3085 Datasheet
436Kb / 8P
   Positive Voltage Regulators from 1.7 to 46V at Currents Up to 100mA
logo
M.S. Kennedy Corporatio...
MSK5012 MSK-MSK5012_15 Datasheet
747Kb / 7P
   Output Voltage Adjustable from 1.30V to 36V
logo
Shenzhen Huazhimei Semi...
HM3133 HMSEMI-HM3133 Datasheet
570Kb / 8P
   Output voltage adjustable from 5V to 30V
logo
STMicroelectronics
LM217L STMICROELECTRONICS-LM217L Datasheet
250Kb / 10P
   LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
E-Tech Electronics LTD
LM317A ETL-LM317A Datasheet
254Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Unisonic Technologies
LM317A UTC-LM317A_V01 Datasheet
301Kb / 6P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
logo
Holtek Semiconductor In...
HT16X2TX HOLTEK-HT16X2TX Datasheet
1Mb / 13P
   Operating voltage: 2V ~ 3.6V Output power up to 10dBm
logo
STMicroelectronics
LM217M STMICROELECTRONICS-LM217M Datasheet
115Kb / 11P
   MEDIUM CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
September 1997
logo
Unisonic Technologies
LM317M UTC-LM317M_10 Datasheet
251Kb / 5P
   MEDIUM CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com