Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S28A5H175BS3 Datasheet(PDF) 5 Page - Vicor Corporation

Part # S28A5H175BS3
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

S28A5H175BS3 Datasheet(HTML) 5 Page - Vicor Corporation

  S28A5H175BS3 Datasheet HTML 1Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 2Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 3Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 4Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 5Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 6Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 7Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 8Page - Vicor Corporation S28A5H175BS3 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 5 of 12
02/2016
800 927.9474
28 V Input
MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82.8
86.0
%
Nominal input; full load; 25°C
Ripple and noise
315
394
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
27.1
28.1
29.1
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
12.3
13.5
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
8.33
Amps
Current limit
8.49
9.6
11.3
Amps
Output voltage 95% of nominal
Short circuit current
5.83
9.6
11.3
Amps
Output voltage <250 mV
24 Vout, 200 W (e.g. V28A24C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
82.2
84.5
%
Nominal input; full load; 25°C
Ripple and noise
220
275
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
17.1
17.8
18.5
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
12.7
13.7
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
13.33
Amps
Current limit
13.5
15.3
20.6
Amps
Output voltage 95% of nominal
Short circuit current
9.31
15.3
20.6
Amps
Output voltage <250 mV
15 Vout, 200 W (e.g. V28A15C200BL)
Parameter
Min
Typ
Max
Unit
Notes
Efficiency
S28A12C200BL (enhanced efficiency)
83.5
85.5
%
Nominal input; full load; 25°C
V28A12C200BL (standard efficiency)
81.0
83.0
Ripple and noise
280
350
mV
p-p; Nominal input; full load; 20 MHz bandwidth
Output OVP set point
13.7
14.3
14.9
Volts
25°C; recycle input voltage or PC to restart (>100 ms off)
Dissipation, stand-by
11.0
12.2
Watts
No load
Load regulation
±0.02
±0.2
%
No load to full load; nominal input
Load Current
0
16.67
Amps
Current limit
17.0
19.2
22.6
Amps
Output voltage 95% of nominal
Short circuit current
11.6
19.2
22.6
Amps
Output voltage < 250mV
12 Vout, 200 W (e.g. S28A12C200BL, V28A12C200BL)


Similar Part No. - S28A5H175BS3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S28AW ETC2-S28AW Datasheet
200Kb / 5P
   Medium Capacity Standard Size Toggles
More results

Similar Description - S28A5H175BS3

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com