Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP432ILA Datasheet(PDF) 10 Page - Anachip Corp

Part # AP432ILA
Description  Adjustable Precision Shunt Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP432ILA Datasheet(HTML) 10 Page - Anachip Corp

Back Button AP432ILA Datasheet HTML 6Page - Anachip Corp AP432ILA Datasheet HTML 7Page - Anachip Corp AP432ILA Datasheet HTML 8Page - Anachip Corp AP432ILA Datasheet HTML 9Page - Anachip Corp AP432ILA Datasheet HTML 10Page - Anachip Corp AP432ILA Datasheet HTML 11Page - Anachip Corp AP432ILA Datasheet HTML 12Page - Anachip Corp AP432ILA Datasheet HTML 13Page - Anachip Corp AP432ILA Datasheet HTML 14Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Adjustable Precision Shunt Regulator
AP432/AP432A
Anachip Corp.
www.anachip.com.tw
Rev.1.0 May.7, 2004
10/16
(3) SOT23-5L Package Outline Dimension
θ
Gauge Plane
0.25 mm
L
L1
E1
E
e1
D
12
3
4
5
b
e
b1
b
C
C1
Base
Metal
With
Plating
A2
A1
A
Seating Plane
0.10 C
5x
2(4x)
θ
1(4x)
θ
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min.
Nom.
Max.
Min.
Nom.
Max.
A
1.05
1.20
1.35
0.041
0.047
0.053
A1
0.05
0.10
0.15
0.002
0.004
0.006
A2
1.00
1.10
1.20
0.039
0.043
0.047
b
0.25
-
0.55
0.010
-
0.022
b1
0.25
0.40
0.45
0.010
0.016
0.018
c
0.08
-
0.20
0.003
-
0.008
c1
0.08
0.11
0.15
0.003
0.004
0.006
D
2.70
2.85
3.00
0.106
0.112
0.118
E
2.60
2.80
3.00
0.102
0.110
0.118
E1
1.50
1.60
1.70
0.059
0.063
0.067
L
0.35
0.45
0.55
0.014
0.018
0.022
L1
0.60 Ref.
0.024 Ref.
e
0.95 Bsc.
0.037 Bsc.
e1
1.90 Bsc.
0.075 Bsc.
θ
0
o
5
o
10
o
0
o
5
o
10
o
θ
1
3
o
5
o
7
o
3
o
5
o
7
o
θ
2
6
o
8
o
10
o
6
o
8
o
10
o


Similar Part No. - AP432ILA

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP432 ANACHIP-AP432 Datasheet
308Kb / 16P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP432 DIODES-AP432 Datasheet
262Kb / 12P
   ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A Rev. 6
AP432 DIODES-AP432 Datasheet
281Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATOR
DS31003 Rev. 16 - 2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
Diodes Incorporated
AP4320 DIODES-AP4320 Datasheet
353Kb / 11P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - AP432ILA

ManufacturerPart #DatasheetDescription
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
   Adjustable Precision shunt Regulator
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Sipex Corporation
SPX431 SIPEX-SPX431 Datasheet
158Kb / 8P
   Precision Adjustable Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
   Adjustable Precision Shunt Regulator
logo
E-CMOS Corporation
EC432L E-CMOS-EC432L Datasheet
343Kb / 7P
   Adjustable Precision Shunt Regulator
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
   Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
   Adjustable Precision Shunt Regulator
VER 1.2
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
   ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
   Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
   Adjustable Precision Shunt Regulator
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
   ADJUSTABLE PRECISION SHUNT REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com