Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V28A15T200BF Datasheet(PDF) 9 Page - Vicor Corporation

Part # V28A15T200BF
Description  DC-DC Converter Module
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

V28A15T200BF Datasheet(HTML) 9 Page - Vicor Corporation

Back Button V28A15T200BF Datasheet HTML 4Page - Vicor Corporation V28A15T200BF Datasheet HTML 5Page - Vicor Corporation V28A15T200BF Datasheet HTML 6Page - Vicor Corporation V28A15T200BF Datasheet HTML 7Page - Vicor Corporation V28A15T200BF Datasheet HTML 8Page - Vicor Corporation V28A15T200BF Datasheet HTML 9Page - Vicor Corporation V28A15T200BF Datasheet HTML 10Page - Vicor Corporation V28A15T200BF Datasheet HTML 11Page - Vicor Corporation V28A15T200BF Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
28 V Wide Maxi Family
Rev 2.8
vicorpower.com
Page 9 of 12
02/2016
800 927.9474
28 V Input
Parallel Operation
The PR pin supports paralleling for increased power with N+1
(N+M) redundancy. Modules of the same input voltage, output
voltage, and power level will current share if all PR pins are
suitably interfaced.
Compatible interface architectures include the following:
AC coupled single-wire interface. All PR pins are connected to
a single communication bus through 0.001 µF (500 V)
capacitors. This interface supports current sharing and is fault
tolerant except for the communication bus. Up to three
converters may be paralleled by this method. See Figure 9.
Transformer coupled interface. For paralleling four or more
converters a transformer coupled interface is required. See
Figure 10.
For details on parallel operation please refer to the
Design Guide & Applications Manual for Maxi, Mini, Micro Family.
Figure 9 — AC coupled single-wire interface.
* See Maxi, Mini, Micro Design Guide.
+IN
PC
PR
–IN
+IN
PC
PR
–IN
Module 2
Module 1
+
Parallel
Bus
0.2 μF
0.001 μF
0.2 μF
0.001 μF
Low inductance
ground plane
or bus
4.7 nF
4.7 nF
4.7 nF
4.7 nF
Z1
*
Z1
*
+IN
PC
PR
–IN
+IN
PC
PR
–IN
Module 2
Module 1
T1
T2
+
0.2 μF
0.2 μF
Parallel
Bus
4.7 nF
4.7 nF
4.7 nF
4.7 nF
Z1
*
Z1
*
Figure 10 — Transformer-coupled interface.
PARALLEL BUS - PR PIN
Output Voltage Programming
The output voltage of the converter can be adjusted or
programmed via fixed resistors, potentiometers or voltage
DACs. See Figure 8.
Figure 8 — Output voltage trim down and trim up circuit.
–OUT
+S
SC
Error Amplifier
0.033 uF
+
-S
+OUT
Load
Rd
Trim Down
Ru
Trim Up
1.23 V
1 kΩ
100 Ω typ.
1,000 Vout
Vnom – Vout
Rd (ohms) =
1,000 (Vout –1.23) Vnom
1.23 (Vout – Vnom)
RU (ohms) =
– 1,000
Trim Down
1. This converter is not a constant power device – it has a
constant current limit. Hence, available output power is
reduced by the same percentage that output voltage is
trimmed down. Do not exceed maximum rated output current.
2. The trim down resistor must be connected between the SC
and -S pins. Do not bypass the SC pin directly with a
capacitor.
Trim Up
1. The converter is rated for a maximum delivered power. To
ensure that maximum rated power is not exceeded, reduce
maximum output current by the same percentage increase in
output voltage.
2. The trim up resistor must be connected between the SC
and +S pins. Do not bypass the SC pin directly with a
capacitor.
3. Do not trim the converter above maximum trim range
(typically +10%) or the output over voltage protection
circuitry may be activated.
SECONDARY CONTROL - SC PIN
Trim resistor values calculated automatically:
On-line calculators for trim resistor values are available on the
vicor website at:
asp.vicorpower.com/calculators/calculators.asp?calc=1
Resistor values can be calculated for fixed trim up, fixed trim
down and for variable trim up or down.


Similar Part No. - V28A15T200BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V28A15T200BF2 VICOR-V28A15T200BF2 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
V28A15T200BF3 VICOR-V28A15T200BF3 Datasheet
575Kb / 10P
   28V Wide Input Maxi Family DC-DC Converter Module
More results

Similar Description - V28A15T200BF

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V24C5M50BL3 VICOR-V24C5M50BL3 Datasheet
1Mb / 15P
   DC-DC Converter Module
V24B12T200BL2 VICOR-V24B12T200BL2_16 Datasheet
596Kb / 15P
   DC-DC Converter Module
V24C12C150BL VICOR-V24C12C150BL Datasheet
1Mb / 15P
   DC-DC Converter Module
V300B12T250BL2 VICOR-V300B12T250BL2_16 Datasheet
373Kb / 14P
   DC-DC Converter Module
V150C12C150BL VICOR-V150C12C150BL_15 Datasheet
1Mb / 11P
   DC-DC Converter Module
V375A28C600A VICOR-V375A28C600A Datasheet
194Kb / 8P
   DC-DC Converter Module
V24A24M300BL VICOR-V24A24M300BL Datasheet
784Kb / 13P
   DC-DC Converter Module
V300A5C300BL VICOR-V300A5C300BL Datasheet
808Kb / 13P
   DC-DC Converter Module
V110A8T300BL VICOR-V110A8T300BL Datasheet
1Mb / 13P
   DC-DC Converter Module
V375A48C600BL VICOR-V375A48C600BL Datasheet
837Kb / 15P
   DC-DC Converter Module
V24C48T100BL VICOR-V24C48T100BL Datasheet
1Mb / 15P
   DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com