Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PA04 Datasheet(PDF) 3 Page - Cirrus Logic

Part # PA04
Description  POWER OPERATIONAL AMPLIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA04 Datasheet(HTML) 3 Page - Cirrus Logic

  PA04 Datasheet HTML 1Page - Cirrus Logic PA04 Datasheet HTML 2Page - Cirrus Logic PA04 Datasheet HTML 3Page - Cirrus Logic PA04 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
TYPICAL PERFORMANCE
GRAPHS
PA04 • PA04A
C
A
C
L
O
0
25
50
75
100
125
150
TEMPERATURE, T (
°C)
0
50
150
POWER DERATING
100
1K
10M
FREQUENCY F (Hz)
0
POWER SUPPLY REJECTION
–50
0
75
125
CASE TEMPERATURE, T
(
°C)
10
10M
FREQUENCY,Ff (Hz)
0
120
SMALL SIGNAL GAIN
40
80
FREQUENCY, F (Hz)
SMALL SIGNAL PHASE
0
5
15
20
2
30
300
30K
FREQUENCY, F (Hz)
.001
.02
.2
HARMONIC DISTORTION
.002
.01
.1
30
200
TOTAL SUPPLY VOLTAGE, V (V)
.8
.9
1.2
QUIESCENT CURRENT
1.0
1.1
10K
50K
1M
FREQUENCY, F (Hz)
20
60
180
200
POWER RESPONSE
80
100
10
FREQUENCY, F (Hz)
0
COMMON MODE REJECTION
40
80
100
1M
100
1K
0
10
15
TIME, t (
µs)
–5
0
PULSE RESPONSE
30
520
100
200
EXT. COMPENSATION CAPACITOR C (pF)
0
60
SLEW RATE
40
100
1K
3K
10K
20K
.6M
40
25
CURRENT LIMIT
50
60
70
10
10K 100K 1M
100
200
OUTPUT VOLTAGE SWING
10
50
100
150
20
–7.5
1
100
1K 10K 100K 1M
20
40
60
80
100
300
400
500
100
10M
1
10
1K 10K 100K 1M
–180
–135
–90
–45
0
4
6
8
10
12
OUTPUT CURRENT, I (A)
O
10K
100K
–2.5
2.5
5
7.5
–25
25
100
80
90
100
110
120
130
C
.005
.05
S
.2M
120
150
20
60
T = T
T = T
RC = 120Ω
RL = 4Ω
V
= V
S
V
= VS
+ 5V
A = +1
A = 10
R =4
C = 100pF, R = 120
±Vs = 62V
C
R =120
R = 4.0
L
C = 470pF
C
V
P
=
200W
O
P = 1W
V
RC = 120Ω
RL = 4Ω
C
C
BOOST
BOOST
4
Ω LOAD
RC = 120Ω
CC = 470pF
CC = 220pF
CC = 100pF


Similar Part No. - PA04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
logo
AZ Displays
PA040XS1 AZDISPLAYS-PA040XS1 Datasheet
676Kb / 25P
   This technical specification applies to 4inch color TFT-LCD module, PA040XS1
logo
Pulse A Technitrol Comp...
PA0423 PULSE-PA0423 Datasheet
125Kb / 2P
   HIGH FREQUENCY PLANAR TRANSFORMERS
PA0430L PULSE-PA0430L Datasheet
111Kb / 2P
   THT POWER INDUCTORS
PA0430L PULSE-PA0430L Datasheet
414Kb / 2P
   THT Power Inductors
More results

Similar Description - PA04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
   POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
   POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
   Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
   Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
   Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
   Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
   Power Operational Amplifiers
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
   POWER OPERATIONAL AMPLIFIERS
PA03 CIRRUS-PA03 Datasheet
207Kb / 5P
   Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com