Electronic Components Datasheet Search |
|
V24A5T400BL2 Datasheet(PDF) 8 Page - Vicor Corporation |
|
V24A5T400BL2 Datasheet(HTML) 8 Page - Vicor Corporation |
8 / 15 page 24V Maxi Family Rev 6.6 vicorpower.com Page 8 of 15 01/2016 800 927.9474 24V Input Parameter Min Typ Max Unit Notes Efficiency 87.0 88.0 % Nominal input; full load; 25°C Ripple and noise 100 125 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 31.5 32.7 33.9 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 7.1 9.3 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 10.71 Amps Current limit 10.9 12.3 14.5 Amps Output voltage 95% of nominal Short circuit current 3 12.3 14.5 Amps Output voltage <250mV 28VOUT, 300W (e.g. V24A28C300BL) Parameter Min Typ Max Unit Notes Efficiency 86.0 88.0 % Nominal input; full load; 25°C Ripple and noise 120 150 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 10 13 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 11.11 Amps Current limit 11.3 12.8 15 Amps Output voltage 95% of nominal Short circuit current 7.77 12.8 15 Amps Output voltage <250mV 36VOUT, 400W (e.g. V24A36C400BL) Parameter Min Typ Max Unit Notes Efficiency 87.0 88.3 % Nominal input; full load; 25°C Ripple and noise 80 100 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 40.4 41.9 43.4 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 9.8 12 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 8.33 Amps Current limit 8.49 9.58 11.3 Amps Output voltage 95% of nominal Short circuit current 5.83 9.58 11.3 Amps Output voltage <250mV 36VOUT, 300W (e.g. V24A36C300BL) Parameter Min Typ Max Unit Notes Efficiency 84.7 86.7 % Nominal input; full load; 25°C Ripple and noise 160 200 mV p-p; Nominal input; full load; 20MHz bandwidth Output OVP setpoint 53.8 55.8 57.8 Volts 25°C; recycle input voltage or PC to restart (>100ms off) Dissipation, standby 11.8 12.7 Watts No load Load regulation ±0.02 ±0.2 % No load to full load; nominal input Load current 0 8.33 Amps Current limit 8.49 9.58 11.3 Amps Output voltage 95% of nominal Short circuit current 4.79 9.58 11.3 Amps Output voltage <250mV 48VOUT, 400W (e.g. V24A48C400BL) MODULE SPECIFIC OPERATING SPECIFICATIONS (CONT.) |
Similar Part No. - V24A5T400BL2 |
|
Similar Description - V24A5T400BL2 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |