Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS40K140QP Datasheet(PDF) 1 Page - MDE Semiconductor, Inc.

Part # LS40K140QP
Description  Metal Oxide Varistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MDE [MDE Semiconductor, Inc.]
Direct Link  http://www.mdesemiconductor.com
Logo MDE - MDE Semiconductor, Inc.

LS40K140QP Datasheet(HTML) 1 Page - MDE Semiconductor, Inc.

  LS40K140QP Datasheet HTML 1Page - MDE Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
High Energy Series 34mm Single Square
Varistor
Voltage
Max.
Energy
(J)
Typical
Capacitance
(Reference)
V@1mA
(v)
ACrms
(v)
DC
(v)
Vc
(v)
Ip
(A)
(J)
1 time
(A)
2 time
(A)
1kHz
(pF)
LS40K130QP
200 (185-225)
130
170
340
300
310
40000
30000
5600
LS40K140QP
220 (198-242)
140
180
365
300
340
40000
30000
5200
LS40K150QP
240 (216-264)
150
200
395
300
360
40000
30000
4800
LS40K230QP
360 (324-396)
230
300
595
300
460
40000
30000
3200
LS40K250QP
390 (351-429)
250
320
650
300
490
40000
30000
2900
LS40K275QP
430 (387-473)
275
350
710
300
550
40000
30000
2700
LS40K320QP
510 (459-561)
320
420
840
300
640
40000
30000
2300
LS40K385QP
620 (558-682)
385
505
1025
300
800
40000
30000
1900
LS40K420QP
680 (612-748)
420
560
1120
300
910
40000
30000
1800
LS40K460QP
750 (675-825)
460
615
1240
300
960
40000
30000
1600
LS40K550QP
910 (819-1001)
550
745
1500
300
960
40000
30000
1400
LS40K680QP
1100 (990-1210)
680
895
1815
300
1100
40000
30000
1100
LS40K750QP
1200 (1080-1320)
750
970
2000
300
1200
40000
30000
1000
Maximum
Allowable
Voltage
PART
NUMBER
Max Peak
Current
(8/20 µ S)
Max Clamping
Voltage
(8/20 µ S)
MDE Semiconductor, Inc.
78-150 Calle Tampico, Unit 210, La Quinta, CA., USA 92253 Tel: 760-564-8656 • Fax: 760-564-2414
1-800-831-4881 Email: sales@mdesemiconductor.com Web: www.mdesemiconductor.com
Metal Oxide Varistors
9/10/2003


Similar Part No. - LS40K140QP

ManufacturerPart #DatasheetDescription
logo
EPCOS
LS40K140QP EPCOS-LS40K140QP Datasheet
82Kb / 5P
   Strap Varistors HighE Series
logo
MDE Semiconductor, Inc.
LS40K140QP MDE-LS40K140QP Datasheet
39Kb / 1P
   Metal Oxide Varistors
logo
EPCOS
LS40K140QPK2 EPCOS-LS40K140QPK2 Datasheet
82Kb / 5P
   Strap Varistors HighE Series
More results

Similar Description - LS40K140QP

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
MDE-34S201KBD MDE-MDE-34S201KBD Datasheet
105Kb / 1P
   Metal Oxide Varistors
MDE-7D180M MDE-MDE-7D180M Datasheet
90Kb / 1P
   Metal Oxide Varistors
MDE-25D201K MDE-MDE-25D201K Datasheet
94Kb / 1P
   Metal Oxide Varistors
logo
Ceramate Technical
GNR05D180K CERAMATE-GNR05D180K Datasheet
168Kb / 3P
   METAL OXIDE VARISTORS
logo
EPCOS
CT0402L14UG EPCOS-CT0402L14UG Datasheet
97Kb / 6P
   Metal Oxide Varistors
logo
SUNMATE electronic Co.,...
40D SUNMATE-40D Datasheet
849Kb / 4P
   METAL OXIDE VARISTORS
SM2220A SUNMATE-SM2220A Datasheet
1Mb / 4P
   METAL OXIDE VARISTORS
logo
Ruilongyuan Electronics...
MOV-40D RUILON-MOV-40D Datasheet
811Kb / 6P
   Metal Oxide Varistors
MOV-25D RUILON-MOV-25D Datasheet
733Kb / 7P
   Metal Oxide Varistors
logo
Shanghai Yint Electroni...
7DSERIES YINT-7DSERIES Datasheet
670Kb / 4P
   Metal Oxide Varistors
logo
Shanghai Leiditech Elec...
20D180 LEIDITECH-20D180 Datasheet
871Kb / 4P
   Metal Oxide Varistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com